Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 56Page - NXP Semiconductors FS5600_V01 Datasheet HTML 57Page - NXP Semiconductors FS5600_V01 Datasheet HTML 58Page - NXP Semiconductors FS5600_V01 Datasheet HTML 59Page - NXP Semiconductors FS5600_V01 Datasheet HTML 60Page - NXP Semiconductors FS5600_V01 Datasheet HTML 61Page - NXP Semiconductors FS5600_V01 Datasheet HTML 62Page - NXP Semiconductors FS5600_V01 Datasheet HTML 63Page - NXP Semiconductors FS5600_V01 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
aaa-037161
BOS and
Internal Core
Power Up
Any state after
Internal Core
Power Up
ABIST/LBIST
Complete/Bypassed
J
I2
EN1 or EN2 = HIGH
EN1 = EN2 = LOW
I1
A
G
H
B
K
F
C
D2
E1
D1
E2
Wait for valid
VDIG, VCC
BIST
(optional)
Any State after
BIST
Thermal
Shutdown
Deep Fail Safe
(FS0B = 0)
INIT_RUN
(FS0B = 0)
M
L
NORMAL
STATE
(FS0B = 1)
On Demand ABIST
(FS0B = 1 for D1-E1)
(FS0B = 0 for D2-E2)
Shutdown Mode
Power Up
ULPM Mode
System ON
Transition
System OFF
Power Down
Figure 19. FS5600 state diagram
17.13.1 Shutdown mode
This is the state of the FS5600 when a valid VIN is applied, but EN1 and EN2 pins are held low.
From one of the operation modes, (INIT_RUN/NORMAL STATE/On Demand ABIST, deep fail-safe), when EN1
and EN2 = 0, the IC enters the shut-down mode through the 'Power Down' state.
When entering the shut-down mode from INIT_RUN, NORMAL STATE or on-demand ABIST states, the FS5600
sequences the GPOs in the reverse order of the power-up at the appropriate time. See Section 17.13.8 for
details.
For example, if OTP_GPO1_DELAY is set to 1 ms, and OTP_GPO2_DELAY is set to 5 ms:
• When EN1 = EN2 = 0, GPO2 is asserted low immediately, 4 ms after which GPO1 is asserted low, 1 ms after
which SW1 and SW2 regulators are disabled.
• FS0B is asserted low immediately after NORMAL STATE is exited.
17.13.2 Built-in self-test (BIST)
Analog Built-in self-test (ABIST) and logical built-in self-test (LBIST) are executed in this state if enabled. This
state is bypassed if both are disabled.
17.13.3 Power-up
SW1, SW2, and the various GPOs in FS5600 are powered up in this state. SW1 and SW2 are enabled
after exiting BIST or thermal shutdown and if their respective ENx pin is held high. The power-up state
exits upon completion of the highest delay among OTP_GPO1_DELAY[2:0], OTP_GPO2_DELAY[2:0] and
OTP_GPO3_DELAY[2:0].
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
60 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com