Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 20Page - NXP Semiconductors FS5600_V01 Datasheet HTML 21Page - NXP Semiconductors FS5600_V01 Datasheet HTML 22Page - NXP Semiconductors FS5600_V01 Datasheet HTML 23Page - NXP Semiconductors FS5600_V01 Datasheet HTML 24Page - NXP Semiconductors FS5600_V01 Datasheet HTML 25Page - NXP Semiconductors FS5600_V01 Datasheet HTML 26Page - NXP Semiconductors FS5600_V01 Datasheet HTML 27Page - NXP Semiconductors FS5600_V01 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Switching
frequency
Load
current
High-side MOSFET
Low-side MOSFET
< 5 A
Qg < 10 nC
Rds(on) < 40 mΩ
Example: BUK9K18-40E
Qg < 20 nC
Rds(on) < 20 mΩ
Example: BUK9K18-40E
< 8 A
Qg < 10 nC
Rds(on) < 25 mΩ
Example: NVTFS5C471NL
Qg < 20 nC
Rds(on) < 15 mΩ
Example: NVTFS5C471NL
450 kHz
> 8 A
Qg < 10 nC
Rds(on) < 10 mΩ
Example: BUK9M9R5-40H
Qg < 20 nC
Rds(on) < 4 mΩ
Example: BUK9M3R3-40H
2.2 MHz
< 5 A
Qg < 10 nC
Rds(on) < 30 mΩ
Example: BUK9M20-40H
Qg < 20 nC
Rds(on) < 20 mΩ
Example: BUK9M20-40H
Table 20. MOSFET selection
See Section 14.4 for switching frequency selection.
12.2.1.1 Compensation network
SW2 is compensated externally using an R-C (Rcomp-Ccomp) network from SW2COMP to Ground. A high
frequency capacitor (Chf) placed from SW2COMP to Ground can be used in addition to the R-C network.
Refer to the table below for recommended compensation values for typical use case conditions.
Vout(V)
Switching frequency (kHz) Slope compensation
(OTP_SW2_
SLOPECOMP[5:0])
Rcomp
kΩ
Ccomp
nF
Chf
pF
3.3
450
0x04
1.5
20
20
5.0
450
0x08
2.3
20
20
3.3
2200
0x0D
8.0
20
Open
5.0
2200
0x20
22
20
Open
1.8
450
0x02
0.8
100
150
Table 21. SW2 Compensation selection
Select logical level NMOS (threshold voltage < 2.5 V). Use closest standard values for resistor and capacitors.
The gate drive comes from VCC (5 V).
12.2.1.2 Inductor current sense selection
12.2.1.2.1 Using current sense resistor
For low and medium output currents ( < 8 A), current sense can be done using a shunt resistor Rshunt in series
with the SW2 inductor LSW2, as shown in Figure 9 below.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
24 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com