Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF226AP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 24Page - NXP Semiconductors RF226AP Datasheet HTML 25Page - NXP Semiconductors RF226AP Datasheet HTML 26Page - NXP Semiconductors RF226AP Datasheet HTML 27Page - NXP Semiconductors RF226AP Datasheet HTML 28Page - NXP Semiconductors RF226AP Datasheet HTML 29Page - NXP Semiconductors RF226AP Datasheet HTML 30Page - NXP Semiconductors RF226AP Datasheet HTML 31Page - NXP Semiconductors RF226AP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
aaa-037578
frequency (MHz)
-43 dBr
-41.2 dBr
Pout = -24 dBm
-39.2 dBr
Pout = -26 dBm
Pout = -24 dBm
Pout = -26 dBm
80
120
40.5
39.5
-31 dBr
-23 dBr
0 dBr
Figure 15. Transmit spectrum mask, high band, 80MHz band width – at low output
power limited by TX noise floor see examples in dashed blue.
3.5 Isolation
This table shows the minimum isolation between RF pins.
Table 10. isolation between RF pins
Path
Pin
TRX1: RX
TRX2: RX
TRX1:
TX
TRX2: TX
Unit
RX1_L
B_IN
RX1_
MB_IN
RX1_H
B_IN
RX2_L
B_IN
RX2_
MB_IN
RX2_H
B_IN
TX1_L
B_OU
T
TX1_M
B_OU
T
TX1_H
B_OU
T
TX2_L
B_OU
T
TX2_M
B_OU
T
TX2_H
B_OU
T
TRX1:
RX
RX1_L
B_IN
-
-
-
50
30
30
50
30
30
50
30
30
dB
RX1_
MB_IN
-
-
-
30
50
30
30
50
30
30
50
30
dB
RX1_H
B_IN
-
-
-
30
30
50
30
30
50
30
30
50
dB
TRX2:
RX
RX2_L
B_IN
50
30
30
-
-
-
50
30
30
50
30
30
dB
RX2_
MB_IN
30
50
30
-
-
-
30
50
30
30
50
30
dB
RX2_H
B_IN
30
30
50
-
-
-
30
30
50
30
30
50
dB
TRX1:
TX
TX1_L
B_OU
T
50
30
30
50
30
30
-
-
-
50
30
30
dB
Table continues on the next page...
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
28
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com