Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF226AP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors RF226AP Datasheet HTML 14Page - NXP Semiconductors RF226AP Datasheet HTML 15Page - NXP Semiconductors RF226AP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
3.1.2 Recommended operating conditions
This table provides the recommended operating conditions for this chip.
NOTE
The values shown are the recommended operating conditions
and proper device operation outside these conditions is not
guaranteed.
Table 4. Recommended operating conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Analog supply
voltage
VDD_TRX1
VDD_TRX2
VDD_SYNTH
1.62
1.62
1.62
1.67
1.67
1.67
1.72
1.72
1.72
V
V
V
Digital supply
voltage
VDD_DIG_CORE
0.87
0.90
0.97
V
VDD_DIG_IO,
VDD_AUX,
VDD_PROG
1.71
1.71
1.71
1.80
1.80
1.80
1.89
1.89
1.89
V
V
V
Low frequency
Analog supply
ripple
1 kHz ≤ fRipple ≤ 50 MHz
Single tone
10
mVp
Total ripple
14
mVrms
High frequency
Analog supply
ripple
4.9 GHz ≤ fRipple ≤ 6.2 GHz
Single tone
2.5
mVpp
Analog supply
noise
1 kHz ≤ fNoise ≤ 30 kHz
1000
2000
nV/ √ Hz
fNoise = 100 kHz
200
400
nV/ √ Hz
fNoise = 1.0 MHz
20
40
nV/ √ Hz
fNoise = 10 MHz
4
nV/ √ Hz
fNoise > 50 MHz
1
nV/ √ Hz
4.9 GHz ≤ fNoise ≤ 6.2
GHz
1
nV/ √ Hz
Operating
temperature
range
TA , ambient
temperature
0
° C
TJ, junction temperature
105
° C
Extended
Operating
temperature
range
TA , ambient
temperature
-40
° C
TJ, junction temperature
105
° C
Reference
frequency
LVDS_122M8N/P input
clock frequency
122.88
MHz
Input external
clock differential
input voltage
level
LVDS_122M8_P/N
Input
200
400
mVpp
1
Table continues on the next page...
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
12
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com