Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF226AP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 4Page - NXP Semiconductors RF226AP Datasheet HTML 5Page - NXP Semiconductors RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
2.2 Pinout list
This table provides the pinout listing for the RF226R Transceiver by bus.
Table 2. Pinout list by bus
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
Digital core LVDS
DATA_IN_LVDS_N
Data in negative
54
I
VDD_DIG_IO
DATA_IN_LVDS_P
Data in positive
55
I
VDD_DIG_IO
STROBE_IN_LVDS_N
Data in strobe negative
52
I
VDD_DIG_IO
STROBE_IN_LVDS_P
Data in strobe positive
53
I
VDD_DIG_IO
DATA_OUT_LVDS_N
Data out negative
58
O
VDD_DIG_IO
DATA_OUT_LVDS_P
Data out positive
59
O
VDD_DIG_IO
STROBE_OUT_LVDS_N
Data out strobe negative
60
O
VDD_DIG_IO
STROBE_OUT_LVDS_P
Data out strobe positive
61
O
VDD_DIG_IO
Clocking
LVDS_122M8_N
122.88MHz clock IO negative
23
IO
VDD_SYNYH
LVDS_122M8_P
122.88 MHz clock IO positive
22
IO
VDD_SYNTH
SPI
AUX1/SPI_CS
AUX1 or SPI chip select
24
IO
VDD_DIG_IO
AUX2_SPI_CLK
AUX2 or SPI clock
25
IO
VDD_DIG_IO
AUX3_SPI_TX
AUX3 or SPI transmit data
26
IO
VDD_DIG_IO
AUX4_SPI_RX
AUX4 or SPI receive data
27
IO
VDD_DIG_IO
Digital test
RESETN
Reset enable
63
I
VDD_DIG_IO
TEST_MODE
Test mode
49
I
VDD_DIG_IO
DTEST1
Digital test 1
51
I
VDD_DIG_IO
DTEST2
Digital test 2
50
I
VDD_DIG_IO
TXRX_SW
Transmit Receive SW
62
I
VDD_PROG
Receiver Channel 1
RX1_LB_IN
Low band input Receiver
Channel 1 received signal
5
I
VDD_TRX1
RX1_MB_IN
Medium band input Receiver
Channel 1 received signal
3
I
VDD_TRX1
RX1_HB_IN
High band input Receiver
Channel 1 received signal
1
I
VDD_TRX1
RXBB1_OUT_I_N
Base band I output negative
differential signal of received
channel 1
8
O
VDD_TRX1
RXBB1_OUT_I_P
Base band I output positive
differential signal of received
channel 1
7
O
VDD_TRX1
Table continues on the next page...
Pin assignments
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
8
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com