Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF226AP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors RF226AP Datasheet HTML 14Page - NXP Semiconductors RF226AP Datasheet HTML 15Page - NXP Semiconductors RF226AP Datasheet HTML 16Page - NXP Semiconductors RF226AP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Table 4. Recommended operating conditions (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Input external
clock input
common mode
voltage level
LVDS_122M8_P/N
Input
0.2
1.2
V
1
Input external
clock duty cycle
LVDS_122M8_P/N
Input
45
50
55
%
1
Rx BB external
output load (kick
-back filter)
R1
50
Ω
C1
10
pF
ADC Input
Capacitance
Fixed capacitance
CINFIX
2
pF
Switched capacitance
CINSW
0.6
pF
ADC Input
Resistance
Resistor
Rcm2:Disconnected
NA
kΩ
Resistor
Rcm3 :Disconnected
NA
kΩ
ESD resistor RESD
12
Ω
Switch resistance
Rin_on
15
Ω
Switch resistance Ron
0.5
kΩ
TX BB input
common mode
0.5
V
TX BB input
signal level
Full scale from DAC
0.35
Vp
Frequency
Range
HB Lowest
4200
MHz
HB Highest
5000
MHz
MB lowest
3300
MHz
MB Highest
4200
MHz
LB Lowest
2500
MHz
LB Highest
3000
MHz
Notes:
1- LVDS_122M8_P and LVDS_122M8_N pins can be either inputs or outputs, but performance has not been validated when
used as an input.
3.1.3 Power Sequencing
Power rails can ramp simultaneously for all voltages, Core power supplies
VDD_DIG_CORE (0.9V ) should not begin to ramp before other supplies, and should
reach 90% of nominal voltage no more than 5ms after I/O rails ramp as shown in the
figure below. Analog 1.67 V supply and I/O 1.8 V supply are expected to begin ramp
simultaneously.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
13
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com