Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VM6101
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VM6101 Datasheet HTML 5Page - STMicroelectronics VM6101 Datasheet HTML 6Page - STMicroelectronics VM6101 Datasheet HTML 7Page - STMicroelectronics VM6101 Datasheet HTML 8Page - STMicroelectronics VM6101 Datasheet HTML 9Page - STMicroelectronics VM6101 Datasheet HTML 10Page - STMicroelectronics VM6101 Datasheet HTML 11Page - STMicroelectronics VM6101 Datasheet HTML 12Page - STMicroelectronics VM6101 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VM6101
Register description
9/17
4
Register description
Note:
RO = Read Only; RW = Read/Write.
Reserved bits must be written with 0s and return 0 upon read; Reserved bytes must not be
accessed otherwise unpredictable results my occur.
Table 3.
Register description
Addr.
Bits
Def.
Name
Description
0x00
[3:0]
1
REVISION
Chip revision (RO).
0x00
[7:4]
0
MASK
Mask code (RO).
0x01
[7:0]
0x04
N_PIXEL
(RO)
0x02
[6:0]
0x04
CONTROL
Control register (RW)
[1:0]
0
CHSEL
Channel select for comparator and PWM logic:
0: Y
1: R
2: G
3: B
2
1
INT_FSEL
INT pin function select:
0: PWM generator output
1: Comparator logic output
3
0
PWM_POL
PWM polarity:
0: Normal (Thin pulse for low values, Wide pulses for high values)
1: Inverted.
4
0
ADDR_SEL
Address Select: when written with ‘1’, the INT pin goes high impedance;
after a duration T (defined below), the INT pin is sampled and returns to
low impedance.
The device slave address is set accordingly:
INT sampled low: address = 0x20
INT sampled high: address = 0x22.
[6:5]
0
ADDR_SELW
Address select sampling window duration:
0: T = 160 µs (default)
1: T = 80 µs
2: T = 40 µs
3: T = 20 us
This duration allows for INT pin pull-up rise time.
70
Reserved
0x03
[7:0]
0
Reserved (RO).
0x04
[2:0]
0x01
Y_STATUS
Y-channel status register (RO).
Reading this register will cause Y_CNT to be transferred to serial
interface buffer. 5 MSBs are read as zeros.
0
1
RESET
This bit is set after reset. Cleared after first read of STATUS register.
1
0
OVERFLOW
This bit is set upon counter overflow: current counter values are invalid.
2
0
READY
When set, indicates that a new count value is available in the 4 registers
here below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com