Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VM6101
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VM6101 Datasheet HTML 9Page - STMicroelectronics VM6101 Datasheet HTML 10Page - STMicroelectronics VM6101 Datasheet HTML 11Page - STMicroelectronics VM6101 Datasheet HTML 12Page - STMicroelectronics VM6101 Datasheet HTML 13Page - STMicroelectronics VM6101 Datasheet HTML 14Page - STMicroelectronics VM6101 Datasheet HTML 15Page - STMicroelectronics VM6101 Datasheet HTML 16Page - STMicroelectronics VM6101 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering information
VM6101
16/17
8
Ordering information
9
Revision history
Table 10.
Order codes
Part number
Description
VM6101V008
8-lead MLPD 3 x 3 x 0.7 mm, RoHS compliant, tray packing.
VM6101V008/TR
8-lead MLPD 3 x 3 x 0.7 mm, RoHS compliant, 13” tape and
reel, 5000 parts/reel.
STV-6101-R01
VM6101 evaluation board
Table 11.
Document revision history
Date
Revision
Changes
05-Jun-2006
1
Initial release
14-Dec-2006
2
Global update
27-Apr-2007
3
Updated
Chapter 6: Electrical characteristics and Chapter 4:
Register description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com