Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VM6101
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101 Datasheet(HTML) 3 Page - STMicroelectronics

  VM6101 Datasheet HTML 1Page - STMicroelectronics VM6101 Datasheet HTML 2Page - STMicroelectronics VM6101 Datasheet HTML 3Page - STMicroelectronics VM6101 Datasheet HTML 4Page - STMicroelectronics VM6101 Datasheet HTML 5Page - STMicroelectronics VM6101 Datasheet HTML 6Page - STMicroelectronics VM6101 Datasheet HTML 7Page - STMicroelectronics VM6101 Datasheet HTML 8Page - STMicroelectronics VM6101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VM6101
Pin description
3/17
1
Pin description
2
Functional description
Figure 1.
Functional block diagram
Table 1.
Pin description
Pin
Name
Type
Description
1
SDA
I/O
Serial interface data. Requires external pull-up to VDD.
2
SCL
I/O
Serial interface clock. Requires external pull-up to VDD.
3
INT
I/O
Dual function output:
- Comparator logic output
- PWM generator output
Input for serial interface 7-bit address select:
- low = address 0x10 (default)
- high = address 0x11
Requires external pull-up or pull-down resistor (1 M
Ω typically).
4
GND
PWR Ground
5
VDD
PWR Positive power supply
6PD
AIN
Power down control:
- low = force low power standby
- high = normal operation
7
AMUX
AIO
Reserved. Do not connect.
8
TEST
AIN
Reserved. Connect to GND.
SDA
SCL
R
B
Y
G
Light to
Frequency
Converter
(x4)
27-bit
(x4)
Counter
3.6 MHz
Oscillator
Power-on
Reset
Register
Bank
Serial
Interface
PWM
Generator
Comparator
Logic
INT
Pin
Function
Mux
PD
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com