Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VM6101
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101 Datasheet(HTML) 1 Page - STMicroelectronics

  VM6101 Datasheet HTML 1Page - STMicroelectronics VM6101 Datasheet HTML 2Page - STMicroelectronics VM6101 Datasheet HTML 3Page - STMicroelectronics VM6101 Datasheet HTML 4Page - STMicroelectronics VM6101 Datasheet HTML 5Page - STMicroelectronics VM6101 Datasheet HTML 6Page - STMicroelectronics VM6101 Datasheet HTML 7Page - STMicroelectronics VM6101 Datasheet HTML 8Page - STMicroelectronics VM6101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2007
Rev 3
1/17
17
VM6101
I²C color light sensor
Features
4-channel Y+RGB photosensor, with
integrated infrared filter
Wide dynamic range light to frequency
converters
2-wire serial interface, I²C and SMBus
compatible
PWM output for direct LCD backlight control
Comparator logic with two programmable
thresholds and hysteresis function
Power down input
3.0 V to 3.6 V supply range
Built-in clock generator, precision voltage and
current references
Low profile Pb-free package (RoHS compliant)
Applications
General purpose color measurement
Automatic backlighting control
Panel lighting
White goods
Pinout
Description
The VM6101 is a high dynamic range 4-channel
CMOS photosensor suitable for ambient light
sensing as well as color light sensing. Light
intensity is converted linearly to a variable
frequency signal. The signal period is readable
through the two-wire serial interface.
A direct PWM output is provided for power saving
LCD backlighting applications, where backlighting
intensity adapts to the ambient light level.
Alternatively, this output can be used as an
ambient light level detector output, with two user
programmable thresholds.
A power down input puts the VM6101 in ultra low
power mode.
The VM6101 is housed in an compact 8-lead
surface mount clear plastic package, compliant to
RoHS directive.
VM6101V008
TEST
AMUX
PD
VDD
SDA
SCL
INT
18
2
3
4
5
6
7
GND
8-lead MLPD
Optical center location: (+70, +35) µm
relative to package center.
R B
Y G
x
y
Sensitive area: 220 x 240 µm
Top view
www.st.com


Similar Part No. - VM6101

ManufacturerPart #DatasheetDescription
logo
Kontron
VM6103 KONTRON-VM6103 Datasheet
1Mb / 5P
Designed for Intense I/O Control Applications
VM6103-SA24-00000000 KONTRON-VM6103-SA24-00000000 Datasheet
1Mb / 5P
Designed for Intense I/O Control Applications
VM6103-SA44-00000000 KONTRON-VM6103-SA44-00000000 Datasheet
1Mb / 5P
Designed for Intense I/O Control Applications
More results

Similar Description - VM6101

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
LIGHT-TO-VOLTAGE COLOR SENSOR
logo
ams AG
TCS3103 AMSCO-TCS3103 Datasheet
755Kb / 13P
LIGHT-TO-VOLTAGE COLOR SENSOR
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
EACLSST3227A0 EVERLIGHT-EACLSST3227A0 Datasheet
599Kb / 11P
RGB Color Light Sensor Surface - Mount
logo
Festo Corporation.
538236 FESTO-538236 Datasheet
104Kb / 2P
Color sensor
8058731 FESTO-8058731 Datasheet
84Kb / 2P
Color sensor
8058732 FESTO-8058732 Datasheet
83Kb / 2P
Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
Color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com