Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101V008 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VM6101V008
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101V008 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VM6101V008 Datasheet HTML 3Page - STMicroelectronics VM6101V008 Datasheet HTML 4Page - STMicroelectronics VM6101V008 Datasheet HTML 5Page - STMicroelectronics VM6101V008 Datasheet HTML 6Page - STMicroelectronics VM6101V008 Datasheet HTML 7Page - STMicroelectronics VM6101V008 Datasheet HTML 8Page - STMicroelectronics VM6101V008 Datasheet HTML 9Page - STMicroelectronics VM6101V008 Datasheet HTML 10Page - STMicroelectronics VM6101V008 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VM6101
Functional description
7/17
Figure 4.
PWM duty cycle versus illumination
2.4
Two-wire serial interface
The VM6101 two-wire serial interface supports the following features:
●
Standard-mode (100 kHz) I²C slave controller supporting 8-bit addressing
(7-bit address = 0x10 or 0010 000). SMBus compliant.
●
Data and clock deglitching filters (double sampling)
●
8-bit index, i.e. 256 on-chip register address space
●
Multiple read or write with index auto-increment
●
Alternate address (0x11) selectable
2.4.1
Message types
The VM6101 registers are accessed by serial bus byte-oriented transactions. The following
message types are supported:
●
Master write:
<S> <addr><w><A> <index><A> <data><A>[<data><A>...<data><A>]<P>
●
Master read:
<S> <addr><r><A> [<data><A>...<data><A>]<data><nA><P>
●
Combined format:
<S> <addr><w><A> <index><A>
<Sr> <addr><r><A> [<data><A>...<data><A>]<data><nA><P>
where:
S = start, Sr = repeated start, P = stop, A= acknowledge, nA = negative acknowledge
addr = 7-bit slave address, w = write bit (0), r = read bit (1),
index = 8-bit register address,
data = 8-bit register data, [] = optional.
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E+00
10E+00
100E+00
1E+03
10E+03
100E+03
Illumination (lx)
PWM_SENS = 18
PWM_SENS = 9
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E+00
10E+00
100E+00
1E+03
10E+03
100E+03
Illuminance (lx)
PWM_SENS = 18
PWM_SENS = 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com