Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101V008 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VM6101V008
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101V008 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VM6101V008 Datasheet HTML 9Page - STMicroelectronics VM6101V008 Datasheet HTML 10Page - STMicroelectronics VM6101V008 Datasheet HTML 11Page - STMicroelectronics VM6101V008 Datasheet HTML 12Page - STMicroelectronics VM6101V008 Datasheet HTML 13Page - STMicroelectronics VM6101V008 Datasheet HTML 14Page - STMicroelectronics VM6101V008 Datasheet HTML 15Page - STMicroelectronics VM6101V008 Datasheet HTML 16Page - STMicroelectronics VM6101V008 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VM6101
Electrical characteristics
13/17
6
Electrical characteristics
Table 5.
Absolute maximum ratings (
Note 1, Note 2)
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage
-0.5
3.7
V
VIN
DC input voltage, all I/O pins
-0.5
VDD + 0.5
V
TSTG
Storage temperature
-40
85
°C
TL
Solder reflow peak temperature, JEDEC J STD-020
245
°C
ESDHBM
Human body model ESD rating, all pins, JESD22-A114-B
2
kV
ESDMM
Machine model ESD rating, all pins, JESD22-A115-B
200
V
ESDCDM
Charged device model ESD rating, all pins, JESD22-C101-C
500
V
Table 6.
Recommended operating conditions
Symbol
Parameter
Min
Max
Unit
TA
Operating temperature
0
70
°C
VDD
Supply voltage
3.0
3.6
V
VIL
Input low voltage (SCL, SDA)
0
0.3 VDD
V
Input low voltage (PD)0
0.8
V
VIH
Input high voltage (SCL, SDA)
0.7 VDD
VDD
V
Input high voltage (PD)2.0
V
IOL
Output low current
4
mA
IOH
Output high current
4
mA
Table 7.
DC electrical characteristics (
Note 3)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low voltage (SDA, INT)
IOL = max, VDD = min
0.4
V
VOH
Output high voltage (INT)
IOH = max, VDD = min
2.4
V
IIL
Input leakage current
All I/O pins
-1
+1
µA
IDDPD
Supply current, power-down
PD low (Note 4)
1.0
µA
IDD
Supply current, active
PD high (Note 4)
1.1
mA
Table 8.
AC electrical characteristics (
Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Internal oscillator frequency
3.6
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com