Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101V008 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VM6101V008
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101V008 Datasheet(HTML) 5 Page - STMicroelectronics

  VM6101V008 Datasheet HTML 1Page - STMicroelectronics VM6101V008 Datasheet HTML 2Page - STMicroelectronics VM6101V008 Datasheet HTML 3Page - STMicroelectronics VM6101V008 Datasheet HTML 4Page - STMicroelectronics VM6101V008 Datasheet HTML 5Page - STMicroelectronics VM6101V008 Datasheet HTML 6Page - STMicroelectronics VM6101V008 Datasheet HTML 7Page - STMicroelectronics VM6101V008 Datasheet HTML 8Page - STMicroelectronics VM6101V008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
VM6101
Functional description
5/17
The light response can be approximated by:
●
Y channel:
EvY = 1.58e6 x count
-0.960
●
R channel:
EvR = 3.34e6 x count
-0.902
●
G channel:
EvG = 4.92e6 x count
-0.944
●
B channel:
EvB = 8.03e6 x count
-0.973
The response time is: t = count / fOSC + serial interface read time (about 200 µs)
Example:
t = 9.3 ms for 300 lx.
Each channel provides three status flags and a counter value:
●
RESET: This flag is set upon reset or power-down resume. The counter value is invalid
and should be discarded. This flag is cleared after a status read operation.
●
OVERFLOW: at least one counter overflow occurred: the counter value is invalid and
should be discarded. This flag is cleared when a new valid counter value is available.
●
READY: a new counter value is available. This flag is cleared immediately after the
status register read.
●
CNT: a 27-bit counter value, mapped in 4 consecutive bytes, MSB first and right
justified.
Channel readout must always start by reading the corresponding status register. The
suggested read operation is a 5-byte read operation starting at the status register address.
Refer to
Chapter 4: Register description for details.
2.2
Comparator logic
This function compares the light level (i.e. channel counter CNT) with two programmable
thresholds (TH_LO and TH_HI) and drives the INT pin accordingly. The following table
shows available configurations using TH_CFG register setup:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com