Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM6101V008 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VM6101V008
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101V008 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VM6101V008 Datasheet HTML 4Page - STMicroelectronics VM6101V008 Datasheet HTML 5Page - STMicroelectronics VM6101V008 Datasheet HTML 6Page - STMicroelectronics VM6101V008 Datasheet HTML 7Page - STMicroelectronics VM6101V008 Datasheet HTML 8Page - STMicroelectronics VM6101V008 Datasheet HTML 9Page - STMicroelectronics VM6101V008 Datasheet HTML 10Page - STMicroelectronics VM6101V008 Datasheet HTML 11Page - STMicroelectronics VM6101V008 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Application information
VM6101
8/17
2.4.2
Alternate slave address selection
After power-on or after resuming from power-down, the 7-bit slave address is 0x10. If
another slave device shares the same address, it is possible to remap the VM6101 to
address 0x11 by performing the following operations:
1.
Connect the INT pin to a pull-up resistor to VDD (1 MΩ typ.).
2.
After power-on or power-down resume, issue a write command to set the ADDR_SEL
bit of CONTROL register (i.e. write 0x10 at register address 0x02, slave address 0x10).
3.
At this time, the VM6101 samples the INT pin and sets its slave address accordingly:
INT sampled low: 7-bit address = 0x10,
INT sampled high: 7-bit address = 0x11.
Two VM6101 can thus coexist on the same bus; one should have its INT pin pulled low, the
other one should have its INT pin pulled high (see
Figure 5.).
3
Application information
Figure 5.
Application diagram
Host Microcontroller
VM6101
SCL
SDA
INT
VDD
GND
PD
+3.3V
SCL
SDA
GPIO0
GPIO1
+3.3V
GPIO2
GPIO3
TEST
AMUX
NC
VM6101
SCL
SDA
INT
VDD
GND
PD
+3.3V
TEST
AMUX
NC
+3.3V
I²C 7-bit addr = 0x10
I²C 7-bit addr = 0x11
Optional
Note: Rb value depends on bus capacitive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com