Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-6101-R01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV-6101-R01
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-6101-R01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV-6101-R01 Datasheet HTML 6Page - STMicroelectronics STV-6101-R01 Datasheet HTML 7Page - STMicroelectronics STV-6101-R01 Datasheet HTML 8Page - STMicroelectronics STV-6101-R01 Datasheet HTML 9Page - STMicroelectronics STV-6101-R01 Datasheet HTML 10Page - STMicroelectronics STV-6101-R01 Datasheet HTML 11Page - STMicroelectronics STV-6101-R01 Datasheet HTML 12Page - STMicroelectronics STV-6101-R01 Datasheet HTML 13Page - STMicroelectronics STV-6101-R01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Register description
VM6101
10/17
0x05
[2:0]
0
Y_CNT3
Y channel count bits [26:24] (RO). 5 MSBs are read as zeros.
0x06
[7:0]
0
Y_CNT2
Y channel count bits [23:16] (RO)
0x07
[7:0]
0
Y_CNT1
Y channel count bits [15:8] (RO)
0x08
[7:0]
0
Y_CNT0
Y channel count bits [7:0] (RO)
0x09
[7:0]
0x01
R_STATUS
R channel status register (RO). Refer to Y Channel for description.
0x0a
[2:0]
0x00
R_CNT3
R channel count bits [26:24] (RO). 5 MSBs are read as zeros.
0x0b
[7:0]
0x00
R_CNT2
R channel count bits [23:16] (RO)
0x0c
[7:0]
0x00
R_CNT1
R channel count bits [15:8] (RO)
0x0d
[7:0]
0x00
R_CNT0
R channel count bits [7:0] (RO)
0x0e
[7:0]
0x01
G_STATUS
G channel status register (RO). Refer to Y Channel for description.
0x0f
[2:0]
0x00
G_CNT3
G channel count bits [26:24] (RO). 5 MSBs are read as zeros.
0x10
[7:0]
0x00
G_CNT2
G channel count bits [23:16] (RO)
0x11
[7:0]
0x00
G_CNT1
G channel count bits [15:8] (RO)
0x12
[7:0]
0x00
G_CNT0
G channel count bits [7:0] (RO)
0x13
[7:0]
0x01
B_STATUS
B channel status register (RO). Refer to Y Channel for description.
0x14
[2:0]
0x00
B_CNT3
B channel count bits [26:24] (RO). 5 MSBs are read as zeros.
0x15
[7:0]
0x00
B_CNT2
B channel count bits [23:16] (RO)
0x16
[7:0]
0x00
B_CNT1
B channel count bits [15:8] (RO)
0x17
[7:0]
0x00
B_CNT0
B channel count bits [7:0] (RO)
0x18
[5:0]
0x03
TH_CFG
Comparator logic configuration (RW). 2 MSBs are reserved.
Refer to
Section 2.2: Comparator logic for programming details.
0
1
EN_LO
Enable low threshold comparator (1 = enable, 0 = disable)
1
1
POL_LO
Low threshold comparator output polarity
2
0
EN_HI
Enable high threshold comparator (1 = enable, 0 = disable)
3
0
POL_HI
High threshold comparator output polarity
4
0
INT_POL
INT pin output polarity
5
0
HYST
Enable hysteresis function
0x19
[2:0]
0x00
TH_LO3
Low threshold bits [26:24] (RW). 5 MSBs are read as zeros.
0x1a
[7:0]
0x00
TH_LO2
Low threshold bits [23:16] (RW)
0x1b
[7:0]
0x00
TH_LO1
Low threshold bits [15:8] (RW)
0x1c
[7:0]
0x08
TH_LO0
Low threshold bits [7:0] (RW)
0x1d
[2:0]
0x00
TH_HI3
High threshold bits [26:24] (RW). 5 MSBs are read as zeros.
0x1e
[7:0]
0x00
TH_HI2
High threshold bits [23:16] (RW)
0x1f
[7:0]
0x00
TH_HI1
High threshold bits [15:8] (RW)
0x20
[7:0]
0
TH_HI0
High threshold bits [7:0] (RW)
Table 3.
Register description (continued)
Addr.
Bits
Def.
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com