Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-6101-R01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV-6101-R01
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-6101-R01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV-6101-R01 Datasheet HTML 9Page - STMicroelectronics STV-6101-R01 Datasheet HTML 10Page - STMicroelectronics STV-6101-R01 Datasheet HTML 11Page - STMicroelectronics STV-6101-R01 Datasheet HTML 12Page - STMicroelectronics STV-6101-R01 Datasheet HTML 13Page - STMicroelectronics STV-6101-R01 Datasheet HTML 14Page - STMicroelectronics STV-6101-R01 Datasheet HTML 15Page - STMicroelectronics STV-6101-R01 Datasheet HTML 16Page - STMicroelectronics STV-6101-R01 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Electrical characteristics
VM6101
14/17
Figure 9.
Serial interface timing waveforms
Note:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2
Unless otherwise specified, all voltages are referenced to ground.
3
Over recommended operating conditions, unless otherwise specified.
4
Using typical operating conditions: TA = 25 °C, VDD = 3.3 V
Table 9.
Serial interface timing (
Note 3)
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tLOW
SCL clock low period
4.7
µs
tHIGH
SCL clock high period
4.0
µs
tSU;STA
(Repeated) START condition setup time
4.7
µs
tHD;STA
(Repeated) START condition hold time
4.0
µs
tSU;DAT
Data setup time
250
ns
tHD;DAT
Data hold time
300
ns
tSU;STO
STOP condition setup time
4.0
ns
tBUF
Bus free condition between START and STOP conditions
4.7
µs
tR
Rise time of both SDA and SCL signals
300
ns
tF
Fall time of both SDA and SCL signals
300
ns
Cb
Capacitive load for each bus line
400
pF
Stop
Start
tBUF
tLOW
tR
tF
tHIGH
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
SCL
SDA
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com