Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-6101-R01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV-6101-R01
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-6101-R01 Datasheet(HTML) 4 Page - STMicroelectronics

  STV-6101-R01 Datasheet HTML 1Page - STMicroelectronics STV-6101-R01 Datasheet HTML 2Page - STMicroelectronics STV-6101-R01 Datasheet HTML 3Page - STMicroelectronics STV-6101-R01 Datasheet HTML 4Page - STMicroelectronics STV-6101-R01 Datasheet HTML 5Page - STMicroelectronics STV-6101-R01 Datasheet HTML 6Page - STMicroelectronics STV-6101-R01 Datasheet HTML 7Page - STMicroelectronics STV-6101-R01 Datasheet HTML 8Page - STMicroelectronics STV-6101-R01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Functional description
VM6101
4/17
2.1
Light measurement channels
The VM6101 has four independent wide dynamic range photosensors and current-to-
frequency converters. Each channel produces a digital output with a frequency proportional
to the incoming light level on the photosensor. By construction, the device ensures
automatic exposure control.
Figure 2.
Light-to-Frequency converter (L2F)
The output period is measured using a 27-bit free-running counter and the internal 3.6 MHz
oscillator clock; counter values are then read through the serial interface.
The typical light response is shown in
Figure 3. below, obtained using a CIE D65 white point
light source (~ daylight illumination) and no light diffuser.
Figure 3.
Light response
1000
10000
100000
1000000
10000000
1
10
100
1000
Lum inance (lx)
Y
R
G
B
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1
10
100
1000
Illum inance (lx)
Y
R
G
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com