Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-6101-R01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV-6101-R01
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-6101-R01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV-6101-R01 Datasheet HTML 8Page - STMicroelectronics STV-6101-R01 Datasheet HTML 9Page - STMicroelectronics STV-6101-R01 Datasheet HTML 10Page - STMicroelectronics STV-6101-R01 Datasheet HTML 11Page - STMicroelectronics STV-6101-R01 Datasheet HTML 12Page - STMicroelectronics STV-6101-R01 Datasheet HTML 13Page - STMicroelectronics STV-6101-R01 Datasheet HTML 14Page - STMicroelectronics STV-6101-R01 Datasheet HTML 15Page - STMicroelectronics STV-6101-R01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Optical characteristics
VM6101
12/17
5
Optical characteristics
Figure 6.
Spectral response
Table 4.
Optical characteristics (1)
1.
Using typical operating conditions: TA = 25 °C, VDD = 3.3 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
E
Irradiance range
0.0001
800
Wm-2
Ev
Illuminance range
0.03
170k
lx
Angular response
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-90
-60
-30
0
30
60
90
Incident light angle (degrees)
0.0
0.2
0.4
0.6
0.8
1.0
400
500
600
700
800
900
1000
Wavelength (nm )
Red
Green
Blue
Y
Figure 7.
Angular response
Figure 8.
Relative output versus temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-90
-60
-30
0
30
60
90
Incident light angle (degrees)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-90
-60
-30
0
30
60
90
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-10 0
10 20 30 40 50 60 70 80
Temperature (°C)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-10 0
10 20 30 40 50 60 70 80
Temperature (°C)
0.900
0.950
1.000
1.050
1.100
-10 0
10 20 30 40 50 60 70 80
Temperature (°C)
Y
B
R
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com