Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PTQ100I-R Datasheet(PDF) 37 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 37 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 33Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 34Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 35Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 36Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 37Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 38Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 39Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 40Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 41Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
The value of these registers is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5 4
3
2
1
0
Reserved
MSK
PR2 - PR0
Reserved (bits 15-4) – Set to 0.
MSK (bit 3) – Mask. Any of the interrupt sources may cause an interrupt if the MSK bit is 0. The
interrupt sources cannot cause an interrupt if the MSK bit is 1. The Interrupt Mask Register has a
duplicate of this bit.
PR2-PR0 (bit 2-0) – Priority. These bits define the priority of the serial port interrupts in relation to
other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2 – PR0 are
shown in the above table (Priority Level).
DMA1CON/INT6CON (036h) – DMA and INTerrupt CONtrol Register. DMA0CON/INT5CON (034h)
Master Mode
The DMA0 and DMA1 interrupts have interrupt type 0ah and 0bh respectively. These pins are
configured as external interrupts or DMA requests in the respective DMA Control register.
The value of these registers is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5 4
3
2
1
0
Reserved
MSK
PR2 - PR0
Reserved (bits 15-4) – Set to 0.
MSK (bit 3) – Mask. Any of the interrupt sources may cause an interrupt if the MSK bit is 0. The
interrupt sources cannot cause an interrupt if the MSK bit is 1. The Interrupt Mask Register has a
duplicate of this bit.
PR2-PR0 (bits 2-0) – Priority. These bits define the priority of the serial port interrupts in relation to
other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2 – PR0 are
shown in the above table (Priority Level).
DMA1CON/INT6 (036h) – DMA and INTerrupt CONtrol Register.
DMA0CON/INT5 (034h)
Slave Mode
The two DMA control registers maintain their original functions and addressing that they possessed in
Master Mode. These pins are configured as external interrupts or DMA requests in the respective DMA
Control register.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com