Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PTQ100I-R Datasheet(PDF) 94 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 94 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 94Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 95Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 96Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 97Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 98Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Waveforms
Alphabetic Key to Waveform Parameters
No. Name
Description
No. Name Description
49
tARYCH
ardy Resolution Transition Setup Time
2
tCLDX
Data in Hold
51
tARYCHL ardy Inactive Holding Time
71 tCLEV
clkoutA Low to sden Valid
52
tARYLCL ardy Setup Time
62 tCLHAV hlda Valid Delay
87
tAVBL
a Address Valid to whb_n/wlb_n Low
82 tCLRF
clkoutA High to rfsh_n Invalid
14
tAVCH
ad Address Valid to Clock High
27 tCLRH
rd_n Inactive Delay
12
tAVLL
ad Address Valid to ale Low
25 tCLRL
rd_n Active Delay
66
tAVRL
a Address Valid to rd_n Low
4
tCLSH
Status Inactive Delay
65
tAVWL
a Address Valid to wr_n Low
72 tCLSL
clkoutA Low to sclk Low
24
tAZRL
ad Address Float to rd_n Active
48 tCLSRY srdy Transistion Hold Time
45
tCH1CH2 clkoutA Rise Time
55
tCLTMV Timer Output Delay
68
tCHAV
clkoutA High to A Address Valid
83
tCOAOB clkoutA to clkoutB Skew
38
tCHCK
X1 High Time
20 tCVCTV Control Active Delay 1
44
tCHCL
clkoutA High Time
31 tCVCTX Control Inactive Delay
67
tCHCSV
clkoutA High to lcs_n/usc_n Valid
21 tCVDEX den_n Inactive Delay
18
tCHCSX
mcs_n/pcs_n Inactive Delay
17 tCXCSX mcs_n/pcs_n Hold from Command Inactive
22
tCHCTV
Control Active Delay 2
1
tDVCL
Data in Setup
64
tCHCV
Command Lines Valid Delay (after Float)
75 tDVSH
Data Valid to SCLK High
63
tCHCZ
Command Lines Float Delay
19 tDXDL
den_n Inactive to dt_r_n Low
8
tCHDX
Status Hold Time
58 tHVCL
hld Setup Time
9
tCHLH
ale Active Delay
53 tINVCH
Peripheral Setup Time
11
tCHLL
ale Inactive Delay
54 tINVCL
drq Setup Time
79
tCHRFD
clkoutA High to rfsh_n Valid
86 tLCRF
lcs_n Inactive to rfsh_n Active Delay
3
tCHSV
Status Active Delay
23 tLHAV
ale High to Address Valid
69
tCICOA
X1 to clkoutA Skew
10
tLHLL
ale Width
70
tCICOB
X1 to clkoutB Skew
13
tLLAX
ad Address Hold from ALE Inactive
39
tCKHL
X1 Fall Time
61 tLOCK
Maximum PLL Lock Time
36
tCKIN
X1 Period
84 tLRLL
lcs_n Precharge Pulse Width
40
tCKLH
X1 Rise time
57 tRESIN
res_n Setup Time
46
tCL2CL1
clkoutA Fall Time
85 tRFCY
rfsh_n Cycle Time
50
tCLARX
ardy Active Hold Time
29 tRHAV
rd_n Inactive to ad Address Active
5
tCLAV
ad Address Valid Delay
59 tRHDX
rd_n High to Data Hold on ad Bus
6
tCLAX
Address Hold
28 tRHLH
rd_n Inactive to ale High
15
tCLAZ
ad Address Float Delay
26 tRLRH
rd_n Pulse Width
43
tCLCH
clkoutA Low Time
77
tSHDX
sclk High to SPI Data Hold
37
tCLCK
X1 Low Time
78
tSLDV
sclk Low SPI Data Hold
42
tCLCL
clkoutA Period
47 tSRYCL srdy Transition Setup Time
80
tCLCLX
lcs_n Inactive Delay
35 tWHDEX wr_n Inactive to den_n Inactive
81
tCLCSL
lcs_n Active Delay
34 tWHDX
Data Hold after wr_n
16
tCLCSV
mcs_n/pcs_n Inactive Delay
33 tWHLH
wr_n Inactive to ale High
30
tCLDOX
Data Hold Time
32 tWLWH
wr_n Pulse Width
7
tCLDV
Data Valid Delay
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com