Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PTQ100I-R Datasheet(PDF) 88 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 88 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 84Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 85Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 86Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 87Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 88Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 92Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Segment Override Prefix
The Operand Address byte is configured as follows.
7
6
5
4
3
2
1
0
0
0
1
SR
SR
1
1
0
SR
Segment Register
00
ES
01
CS
10
SS
11
DS
Notation
Parameter
Indication
:
The component of the left is the segment for a component located in
memory. The component on the right is the offset.
::
The component of the left is concatenated with the component on the right.
Operand
Translation
imm8
Immediate byte: signed number between –128 and 127
imm16
Immediate word: signed number between –32768 and 32767
m
Operand in memory
m8
Byte string in memory pointed to by DS:SI or ES:DI
m16
Word string in memory pointed to by DS:SI or ES:DI
r/m8
General byte register or a byte in memory
r/m16
General word register or a word in memory
Opcode
Parameter
/0 - /7
The Auxiliary Field in the Operand Address byte specifies an extension (from 000 to 111,
i.e. 0 to 7) to the opcode instead of a register. Thus the opcode for adding (AND) an
immediate byte to a general byte register or a byte in memory is ‘80 /4 ib’. This indicates
that the second byte of the opcode is ‘mod 100 r/m’.
/r
The Auxiliary Field in the Operand Address byte specifies a register rather that an opcode
extension. The opcode byte specifies which register, either byte size or word size, is
assigned as in the aux code above.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com