Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PTQ100I-R Datasheet(PDF) 59 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 59 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 55Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 56Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 57Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 58Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 59Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 60Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 61Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 62Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 63Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Programmable I/O (PIO)
32 pins are programmable as I/O signals. The following tables list these pins with their pin name and PIO
number, first in PIO numerical order, then in pin name alphabetical order. Programming a pin as a PIO
should only be performed if the normal pin function is not required as the normal function is disabled and
no longer has any affect on the pin. A PIO pin can be programmed as an input or output with or without
either a weak pull-up or pull-down, or as an open-drain output. Following a power-on reset, the PIO pins
have default status as shown in the following tables.
PIO
No.
Associated Pin
Power-On Reset
Status
Associated Pin
PIO No.
Power-On Reset
Status
0
tmrin1
Input with pull-up
a17
7
Normal operation(3)
1
tmrout1
Input with pull-down
a18
8
Normal operation(3)
2
pcs6_n/a2
Input with pull-up
a19
9
Normal operation(3)
3
pcs5_n/a1
Normal operation(3)
den_n/ds_n
5
Normal operation(3)
4
dt/r_n
Normal operation(3)
drq0
12
Input with pull-up
5
den_n
Normal operation(3)
drq1
13
Input with pull-up
6
srdy
Normal operation(3)
dt/r_n
4
Normal operation(3)
7(1)
a17
Normal operation(3)
int2/
31
Input with pull-up
8(1)
a18
Normal operation(3)
int4
30
Input with pull-up
9(1)
a19
Normal operation(3)
mcs0_n
14
Input with pull-up
10
tmrout0
Input with pull-down
mcs1_n
15
Input with pull-up
11
tmrin0
Input with pull-up
mcs2_n
24
Input with pull-up
12
drq0
Input with pull-up
mcs3_n/rfsh_n
25
Input with pull-up
13
drq1
Input with pull-up
pcs0_n
16
Input with pull-up
14
mcs0_n
Input with pull-up
pcs1_n
17
Input with pull-up
15
mcs1_n
Input with pull-up
pcs2_n
18
Input with pull-up
16
pcs0_n
Input with pull-up
pcs3_n
19
Input with pull-up
17
pcs1_n
Input with pull-up
pcs5_n/a1
3
Input with pull-up
18
pcs2_n
Input with pull-up
pcs6_n/a2
2
Input with pull-up
19
pcs3_n
Input with pull-up
rxd
28
Input with pull-up
20
sclk
Input with pull-up
s6/clkdiv2
29
Input with pull-up(1,2)
21
sdata
Input with pull-up
sclk
20
Input with pull-up
22
sden0
Input with pull-up
sdata
21
Input with pull-up
23
sden1
Input with pull-up
sden0
22
Input with pull-up
24
mcs2_n
Input with pull-up
sden1
23
Input with pull-up
25
mcs3_n/rfsh_n
Input with pull-up
srdy
6
Normal operation(4)
26(1,2)
uzi_n
Input with pull-up
tmrin0
11
Input with pull-up
27
txd
Input with pull-up
tmrin1
0
Input with pull-up
28
rxd
Input with pull-up
tmrout0
10
Input with pull-down
29(1,2)
s6/clkdiv2
Input with pull-up
tmrout1
1
Input with pull-down
30
int4
Input with pull-up
txd
27
Input with pull-up
31
int2
Input with pull-up
uzi_n
26
Input with pull-up
NOTES
These notes apply to both tables:
1. Emulators use these pins and also s2_n-s0_n, res_n, nmi, clkouta, bhe_n ale, ad15-ad0, and a15-a0.
2. If bhe_n/aden_n (IA186EM) or rfsh_n/aden_n (IA188M) is held low during power-on reset, these
pins will revert to normal operation.
3. Input with pull-up option available when used as PIO.
4. Input with pull-down option available when used as PIO.
These default status setting may be changed as desired.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com