Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81706AFP Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # M81706AFP
Description  HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81706AFP Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  M81706AFP Datasheet HTML 1Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 2Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 3Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M81706AFP
HVIC, High Voltage Half-Bridge Driver
600 Volts/+120mA/-250mA
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
4
6/05
TIMING DIAGRAM
1. Input/Output Timing Diagram
HIGH ACTIVE – When input signal (HIN or LIN) is “H”, then output signal (HO or LO) is “H”. In the case of both input signals (HIN and LIN)
are “H”, then output signals (HO and LO) become “L”.
When VCC supply voltage keeps lower UV trip voltage (VCCuvt = VCCuvr – VCCuvh) for VCC supply UV filter time, output signal becomes
“L”. And then, when VCC supply voltage is higher than UV reset voltage, output signal LO becomes “H”.
HIN
LIN
HO
LO
LO
LIN
VCCuvt
VCCuvr
tVCCuv
VCCuvh
VCC
2. VCC(VBS) Supply Under Voltage Lockout Timing Diagram
It is recommended supplying VCC first and VBS second. In the case of shutting off supply voltage, shut off VBS
first and shut off VCC second. At the time of starting VCC and VBS, power supply should be increased slowly. If it is increased
rapidly, output signal (HO or LO) may be “H”.
3. Allowable Supply Voltage Transient
Note: This device has high voltage between closely spaced pins. In most applications, supplemental insulation will be required.
When VBS supply voltage keeps lower UV trip voltage (VBSuvt = VBSuvr – VBSuvh) for VBS supply UV filter time, output signal becomes
“L”. And then, VBS supply voltage is higher than UV reset voltage, output signal HO keeps “L” until next input signal HIN is “H”.
HO
HIN
VBSuvt
VBSuvr
tVBSuv
VBSuvh
VBS
When VCC supply voltage keeps lower UV trip voltage (VCCuvt = VCCuvr – VCCuvh) for VCC supply UV filter time, output signal becomes
“L”. And then, when VCC supply voltage is higher than UV reset voltage, input signal (LIN) is “L”; output signal HO becomes “H”.
HO
HIN
LIN(L)
VCCuvt
VCCuvr
tVCCuv
VCCuvh
VCC
VBS(H)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com