Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81706AFP Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # M81706AFP
Description  HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81706AFP Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  M81706AFP Datasheet HTML 1Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 2Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 3Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M81706AFP
HVIC, High Voltage Half-Bridge Driver
600 Volts/+120mA/-250mA
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
6/05
Electrical Characteristics
Ta = 25°C, VCC = VBS (= VB – VS) = 15V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max. Units
VBS Supply UV Trip Voltage
VCCuvt
7.4
8.2
9.0
Volts
VCC Supply UV Hysteresis Voltage
VCCuvh
0.5
0.7
—
Volts
VCC Supply UV Filter Time
tVCCuv
—
7.5
—
µs
Output High Level Short Circuit Pulsed Current
IOH
VO = 0V, VIN = 5V, PW < 10µs
120
200
—
mA
Output Low Level Short Circuit Pulsed Current
IOL
VO = 15V, VIN = 0V, PW < 10µs
250
350
—
mA
Output High Level ON Resistance
ROH
IO = -20mA, ROH = (VOH – VO)/IO
—
40
70
Ω
Output Low Level ON Resistance
ROL
IO = 20mA, ROL = VO /IO
—
15
30
Ω
High Side Turn-On Propagation Delay
tdLH(HO)
CL = 1000pF between HO – VS
—
120
240
ns
High Side Turn-Off Propagation Delay
tdHL(HO)
CL = 1000pF between HO – VS
—
170
280
ns
High Side Turn-On Rise Time
trH
CL = 1000pF between HO – VS
—
130
220
ns
High Side Turn-Off Fall Time
tfH
CL = 1000pF between HO – VS
—
50
80
ns
LowSide Turn-On Propagation Delay
tdLH(LO)
CL = 1000pF between LO – GND
—
120
240
ns
Low Side Turn-Off Propagation Delay
tdHL(LO)
CL = 1000pF between LO – GND
—
170
280
ns
Low Side Turn-On Rise Time
trL
CL = 1000pF between LO – GND
—
130
220
ns
Low Side Turn-Off Fall Time
tfL
CL = 1000pF between LO – GND
—
50
80
ns
Delay Matching, High Side and Low Side Turn-On
ΔtdLH
| tdLH(HO) – tdLH(LO) |
—
0
30
ns
Delay Matching, High Side and Low Side Turn-Off
ΔtdHL
| tdHL(HO) – tdHL(LO) |
—
0
30
ns
0.2
0.6
0.8
THERMAL DERATING FACTOR
CHARACTERISTICS
TEMPERATURE, (°C)
0
25
75
100
125
0
0.4
50
FUNCTION TABLE (X : HORL)
HIN
LIN
VBS UV
VCC UV
HO
LO
Behavorial State
L
L
H
H
L
L
LO = HO = Low
L
H
H
H
L
H
LO = High
H
L
H
H
H
L
HO = High
H
H
H
H
L
L
LO = HO = Low
X
L
L
H
L
L
LO = Low, VBS UV Tripped
X
H
L
H
L
H
LO = High, VBS UV Tripped
L
X
H
L
L
L
LO = Low, VCC UV Tripped
H
X
H
L
L
L
HO = LO = Low, VCC UV Tripped
NOTE: “L” state of VBS UV, VCC UV means that UV trip voltage.
In the case of both input signals (HIN and LIN) are “H”, output signals (HO and LO) become “L”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com