Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81706AFP Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M81706AFP
Description  HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81706AFP Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M81706AFP Datasheet HTML 1Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 2Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 3Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M81706AFP
HVIC, High Voltage Half-Bridge Driver
600 Volts/+120mA/-250mA
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
2
6/05
Absolute Maximum Ratings, Ta = 25°C unless otherwise specified
Characteristics
Symbol
M81706AFP
Units
High Side Floating Supply Absolute Voltage
VB
-0.5 ~ 624
Volts
High Side Floating Supply Offset Voltage
VS
VB-24 ~ VB+0.5
Volts
High Side Floating Supply Voltage (VBS = VB – VS)
VBS
-0.5 ~ 24
Volts
High Side Output Voltage
VHO
VS-0.5 ~ VB+0.5
Volts
Low Side Fixed Supply Voltage
VCC
-0.5 ~ 24
Volts
Low Side Output Voltage
VLO
-0.5 ~ VCC+0.5
Volts
Logic Input Voltage (HIN, LIN)
VIN
-0.5 ~ VCC+0.5
Volts
Package Power Dissipation (Ta = 25°C, On Board)
Pd
0.6
Watts
Linear Derating Factor (Ta > 25°C, On Board)
Kθ
6.0
mW/°C
Junction to Case Thermal Resistance
Rth(j-c)
50
°C/W
Junction Temperature
Tj
-20 ~ 125
°C
Operation Temperature
Topr
-20 ~ 100
°C
Storage Temperature
Tstg
-40 ~ 125
°C
Recommended Operating Conditions
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
High Side Floating Supply Absolute Voltage
VB
VS+10
—
VS+20
Volts
High Side Floating Supply Offset Voltage
VS
0
—
500
Volts
High Side Floating Supply Voltage
VBS
VB = VB – VS
10
—
20
Volts
High Side Output Voltage
VHO
VS
—
VB
Volts
Low Side Fixed Supply Voltage
VCC
10
—
20
Volts
Logic Supply Voltage
VLO
0
—
VCC
Volts
Logic Input Voltage
VIN
HIN, LIN
0
—
VCC
Volts
Electrical Characteristics
Ta = 25°C, VCC = VBS (= VB – VS) = 15V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max. Units
Floating Supply Leakage Current
IFS
VB = VS = 600V
—
—
1.0
µA
VBS Standby Current
IBS
HIN = LIN = 0V
—
0.2
0.5
mA
VCC Standby Current
ICC
HIN = LIN = 0V
0.2
0.5
1.0
mA
High Level Output Voltage
VOH
IO = -20mA, LO, HO
13.6
14.2
—
Volts
Low Level Output Voltage
VOL
IO = 20mA, LO, HO
—
0.3
0.6
Volts
High Level Input Threshold Voltage
VIH
HIN, LIN
2.7
—
—
Volts
Low Level Input Threshold Voltage
VIL
HIN, LIN
—
—
0.8
Volts
High Level Input Bias Current
IIH
VIN = 5V
—
5
20
µA
Low Level Input Bias Current
IIL
VIN = 0V
—
—
2.0
µA
VBS Supply UV Reset Voltage
VBSuvr
8.0
8.9
9.8
Volts
VBS Supply UV Trip Voltage
VBSuvt
7.4
8.2
9.0
Volts
VBS Supply UV Hysteresis Voltage
VBSuvh
0.5
0.7
—
Volts
VBS Supply UV Filter Time
tVBSuv
—
7.5
—
µs
VCC Supply UV Reset Voltage
VCCuvr
8.0
8.9
9.8
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com