Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M81706AFP Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # M81706AFP
Description  HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81706AFP Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  M81706AFP Datasheet HTML 1Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 2Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 3Page - Powerex Power Semiconductors M81706AFP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
HVIC
High Voltage Half-Bridge Driver
600 Volts/+120mA/-250mA
M81706AFP
1
6/05
RECOMMENDED MOUNT PAD
A
8
C
D
E
S
T
R
H
J
N
L
M
Q
P
B
E
F
G
K
DETAIL "A"
DETAIL "A"
DETAIL
"B"
DETAIL "B"
5
1
4
PIN NUMBER
1 VCC
8 VB
2 HIN
7 HO
3 LIN
6 VS
4 GND
5 LO
HV
LEVEL
SHIFT
INTER
LOCK
PULSE
GEN
DELAY
UV DETECT
FILTER
UV DETECT
FILTER
S
R Q
R
HIN
LIN
2
3
VREG
VREG/VCC
LEVEL
SHIFT
VREG/VCC
LEVEL
SHIFT
VS
VCC
GND
VB
6
1
LO
5
4
8
HO
7
Description:
M81706AFP is a high voltage
Power MOSFET and IGBT module
driver for half-bridge applications.
Features:
£
Shoot Through Interlock
£
High Voltage Level Shift
£
Output Current +120/-250mA
£
Half-Bridge Driver
£
SOP-8 Package
Applications:
£
HID Ballast
£
PDP
£
MOSFET Driver
£
IGBT Driver
£
Inverter Module Control
Ordering Information:
M81706AFP is a +120/-250mA,
600 Volt HVIC, High Voltage
Half-Bridge Driver
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
0.24±0.01
6.2±0.3
B
0.2±0.008
5.0±0.2
C
0.17±0.008
4.4±0.2
D
0.08 Max.
1.9 Max.
E
0.05
1.27
F
0.015±0.002
0.4±0.05
G
0.004
0.1
H
0.06
1.5
J
0.002 Min.
0.05 Min.
Dimensions
Inches
Millimeters
K
0.04
0.9
L
0.015±0.008
0.4±0.2
M
0.006±0.002
0.15±0.05
N
10° Max.
10° Max.
P
0.03
0.745
Q
0.023
0.595
R
0.05 Min.
1.27 Min.
S
0.23
5.72
T
0.76
0.76


Similar Part No. - M81706AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81706AFP MITSUBISHI-M81706AFP Datasheet
73Kb / 6P
HIGH VOLTAGE HALF BRIDGE DRIVER
More results

Similar Description - M81706AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
logo
Powerex Power Semicondu...
M81707FP POWEREX-M81707FP Datasheet
223Kb / 4P
HVIC High Voltage Half-Bridge Driver 600 Volts/짹100mA
M81709FP POWEREX-M81709FP Datasheet
224Kb / 4P
High Voltage Half-Bridge Driver 600 Volts/짹2A
M81019FP POWEREX-M81019FP Datasheet
353Kb / 8P
High Voltage Half-Bridge Driver 1200 Volts/짹1 Ampere
M81713FP POWEREX-M81713FP Datasheet
219Kb / 4P
HVIC High Voltage Half-Bridge Driver 600 Volts/짹500mA
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com