Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST2
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics ACST2 Datasheet HTML 10Page - STMicroelectronics ACST2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACST2 Series
Ordering information scheme
7/11
2.2
Electrical noise immunity
Even if the ACST2 is a sensitive device (IGT = 10 mA) and can be controlled directly though
a simple resistor by a logic level circuit, it provides a high electrical noise immunity. The
intrinsic immunity of the ACST2 is shown by the specified dV/dt equal to 500 V/µs @ 125° C.
This immunity level is 5 to 10 times higher than the immunity provided by an equivalent
standard technology triac with the same sensitivity. In other word, ACST2 is sensitive, but
has an immunity reaching the one provided by non-sensitive device (IGT higher than 35 mA).
3
Ordering information scheme
Figure 16.
Overvoltage ruggedness test circuit
for resistive and inductive loads
according to IEC 61000-4-5
standards:
R = 200
Ω, L = 10 µH, Vpp = 2 kV
Figure 17.
Typical current and voltage
waveforms across the ACST2
during IEC 61000-4-5 standard test
L
Model of the load
ACST2-8x
Rg
R
Rgene
Surge generator
2kV surge
Filtering unit
AC Mains
V
(200 V/div)
OUT
I
(500 mA/div)
OUT
ACST 2 - 8
S
FP -TR
AC Switch series
Current
Voltage
Sensitivity
Package
Packing
2 = 2 A
8 = 800 V
S = 10 mA
FP = TO-220FPAB
B = DPAK
TR = Tape and reel (DPAK)
Blank = Tube (TO-220FPAB, DPAK)
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com