Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST2
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 4 Page - STMicroelectronics

  ACST2 Datasheet HTML 1Page - STMicroelectronics ACST2 Datasheet HTML 2Page - STMicroelectronics ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
ACST2 Series
4/11
Figure 3.
RMS on-state current versus
ambient temperature
Figure 4.
Relative variation of thermal
impedance versus pulse duration -
TO-220FPAB
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
I
T(RMS)(A)
α=180 °
Printed circuit board FR4
Natural convection
S
CU=0.5 cm²
Tamb(°C)
0.01
0.10
1.00
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00 1.0E+01
1.0E+02 1.0E+03
K=[Z
th/Rth]
Z
th(j-a)
Z
th(j-c)
TO-220FPAB
tP(s)
Figure 5.
Relative variation of thermal
impedance versus pulse duration -
DPAK
Figure 6.
Relative variation of gate trigger
current IGT, holding current IH and
latching current IL versus junction
temperature (typical values)
1.0E-02
1.0E-01
1.0E+00
1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00 1.0E+01 1.0E+02 1.0E+03
K=[Z
th/Rth]
Z
th(j-a)
Z
th(j-c)
DPAK
tP(s)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,IH,IL [TJ]/ IGT,IH,IL [Tj=25 °C]
I
GT
I
L & IH
Tj(°C)
Figure 7.
Relative variation of static dV/dt
versus junction temperature
Figure 8.
Relative variation of critical rate of
decrease of main current versus
reapplied dV/dt (typical values)
1
10
100
25
50
75
100
125
dV/dt [T
j]/ dV/dt[T j=125 °C]
V
OUT=540 V
Tj(°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
V
OUT=300 V
(dV/dt)c(V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com