Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST2
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 1 Page - STMicroelectronics

  ACST2 Datasheet HTML 1Page - STMicroelectronics ACST2 Datasheet HTML 2Page - STMicroelectronics ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2007
Rev 1
1/11
11
ACST2 Series
AC Switch family
Alternating current switch
Main features
■ Overvoltage crowbar technology
■ High noise immunity: static dV/dt > 500 V/µs
The ACST2-8SFP in the TO-220FPAB package
provides insulation voltage rated at 1500VRMS
Main application
■ AC ON/OFF static switching in appliances &
industrial control systems
■ Drive of low power highly resistive or inductive
loads like:
– solenoid,
– pump, fan, micro-motor
Description
The ACST2 series belongs to the AC power
switch family built around the ASD technology.
This high performance device is adapted to home
appliances or industrial systems and drives loads
up to 2 A.
This ACST2 switch embeds a Triac structure with
a high voltage clamping device to absorb the
inductive turn-off energy and withstand line
transients such as those described in the
IEC 61000-4-5 standards. The component needs
a low gate current to be activated (IGT < 10 mA)
and in the mean time provides a high electrical
noise immunity such as those described in the
IEC 61000-4-4 standards.
Benefits
■ Enables equipment to meet IEC 61000-4-5
■ High off-state reliability with planar technology
■ Needs no external overvoltage protection
■ Reduces component count
■ Interfaces directly with the micro-controller
■ High immunity against fast transients
described in IEC 61000-4-4 standards
Order code
Functional diagram
Symbol
Value
Unit
IT(RMS)
2A
VDRM/VRRM
800
V
IGT
10
mA
Part number
Marking
ACST2-8SFP
ACST28S
ACST2-8SB
ACST28S
COM
COM
OUT
OUT
G
G
TO-220FPAB
ACST2-8SFP
DPAK
ACST2-8SB
OUT
G
COM
OUT
G
COM
www.st.com


Similar Part No. - ACST2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST2 STMICROELECTRONICS-ACST2 Datasheet
289Kb / 13P
Overvoltage protected AC switch
24-May-2014
ACST210-8B STMICROELECTRONICS-ACST210-8B Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST210-8BTR STMICROELECTRONICS-ACST210-8BTR Datasheet
289Kb / 13P
Overvoltage protected AC switch
24-May-2014
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
More results

Similar Description - ACST2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
Continuous-Time Switch Family
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
E522.32 ELMOS-E522.32 Datasheet
215Kb / 2P
SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
logo
Allegro MicroSystems
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
Continuous-Time Switch Family
logo
STMicroelectronics
AN3168 STMICROELECTRONICS-AN3168 Datasheet
321Kb / 20P
In alternating current applications
09-Mar-2010
logo
Greystone Energy System...
CS-625 GREYSTONE-CS-625 Datasheet
183Kb / 1P
AC CURRENT SWITCH HIGH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com