Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST2
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 3 Page - STMicroelectronics

  ACST2 Datasheet HTML 1Page - STMicroelectronics ACST2 Datasheet HTML 2Page - STMicroelectronics ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACST2 Series
Characteristics
3/11
Table 3.
Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
ITM = 2.8 A tp = 500 µs
Tj = 25° C
MAX
2
V
VTO
(1)
Threshold voltage
Tj = 125° C
MAX
0.9
V
RD
(1)
Dynamic resistance
Tj = 125° C
MAX
250
m
Ω
IDRM
IRRM
VOUT = VDRM / VRRM
Tj = 25° C
MAX
10
µA
Tj = 125° C
0.5
mA
1.
for both polarity of OUT pin referenced to COM pin
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
DPAK
4.5
° C/W
TO-220FPAB
7
Rth(j-a)
Junction to ambient
TO-220FPAB
60
SCU
(1)= 0.5 cm²
DPAK
70
1.
SCU = copper surface under tab
Figure 1.
Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2.
RMS on-state current versus case
temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
P(W)
α=180 °
180°
IT(RMS)(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
25
50
75
100
125
I
T(RMS)(A)
α=180 °
DPAK
TO-220FPAB
TC(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com