Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1374 Datasheet HTML 9Page - Linear Technology LT1374 Datasheet HTML 10Page - Linear Technology LT1374 Datasheet HTML 11Page - Linear Technology LT1374 Datasheet HTML 12Page - Linear Technology LT1374 Datasheet HTML 13Page - Linear Technology LT1374 Datasheet HTML 14Page - Linear Technology LT1374 Datasheet HTML 15Page - Linear Technology LT1374 Datasheet HTML 16Page - Linear Technology LT1374 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LT1374
1374fb
APPLICATIONS INFORMATION
I
VV
V
VL f
P
OUT
IN
OUT
IN
-P =
() −
()
()( )( )
For high frequency switchers, the sum of ripple current
slew rates may also be relevant and can be calculated
from:
Σ
dI
dt
V
L
IN
=
Peak-to-peak output ripple voltage is the sum of a
triwave
created by peak-to-peak ripple current times ESR, and a
square wave created by parasitic inductance (ESL) and
ripple current slew rate. Capacitive reactance is assumed
to be small compared to ESR or ESL.
V
I
ESR
ESL
dI
dt
RIPPLE =
()( )+()
P-P
Σ
Example: with VIN =10V, VOUT = 5V, L = 10µH, ESR = 0.1Ω,
ESL = 10nH:
IA
dI
dt
VA
mV
RIPPLE
P-P
P-P
=
() −
()
()
=
==
=
()( )+
=+
=
−
−
−
510 5
10 10 10
500 10
05
10
10 10
10
05
01
10 10
10
0 05 0 01 60
63
6
6
96
••
.
•
..
•
..
Σ
CATCH DIODE
The suggested catch diode (D1) is a 1N5821 Schottky, or
its Motorola equivalent, MBR330. It is rated at 3A average
forward current and 30V reverse voltage. Typical forward
voltage is 0.5V at 3A. The diode conducts current only
during switch off time. Peak reverse voltage is equal to
regulator input voltage. Average forward current in normal
operation can be calculated from:
I
IV
V
V
D AVG
OUT
IN
OUT
IN
( )=
−
()
This formula will not yield values higher than 3A with
maximum load current of 4.25A unless the ratio of input to
output voltage exceeds 3.4:1. The only reason to consider
a larger diode is the worst-case condition of a high input
voltage and
overloaded (not shorted) output. Under short-
circuit conditions, foldback current limit will reduce diode
current to less than 2.6A, but if the output is overloaded
and does not fall to less than 1/3 of nominal output voltage,
foldback will not take effect. With the overloaded condi-
tion, output current will increase to a typical value of 5.7A,
determined by peak switch current limit of 6A. With
VIN = 15V, VOUT = 4V (5V overloaded) and IOUT = 5.7A:
IA
D AVG
()=
−
()
=
5 7 15 4
15
418
.
.
This is safe for short periods of time, but it would be
prudent to check with the diode manufacturer if continu-
ous operation under these conditions must be tolerated.
BOOST PIN CONSIDERATIONS
For most applications, the boost components are a 0.27
µF
capacitor and a FMMD914 diode. The anode is connected
to the regulated output voltage and this generates a
voltage across the boost capacitor nearly identical to the
regulated output. In certain applications, the anode may
instead be connected to the unregulated input voltage.
This could be necessary if the regulated output voltage is
very low (< 3V) or if the input voltage is less than 5V.
Efficiency is not affected by the capacitor value, but the
capacitor should have an ESR of less than 1
Ω to ensure
Figure 3. LT1374 Ripple Voltage Waveform
0.5
µs/DIV
1374 F03
20mV/DIV
0.5A/DIV
VOUT AT
IOUT = 1A
VOUT AT
IOUT = 50mA
INDUCTOR
CURRENT
AT IOUT = 1A
INDUCTOR
CURRENT
AT IOUT = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com