Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 2 Page - Linear Technology

  LT1374 Datasheet HTML 1Page - Linear Technology LT1374 Datasheet HTML 2Page - Linear Technology LT1374 Datasheet HTML 3Page - Linear Technology LT1374 Datasheet HTML 4Page - Linear Technology LT1374 Datasheet HTML 5Page - Linear Technology LT1374 Datasheet HTML 6Page - Linear Technology LT1374 Datasheet HTML 7Page - Linear Technology LT1374 Datasheet HTML 8Page - Linear Technology LT1374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LT1374
1374fb
S8 PART MARKING
Input Voltage
LT1374 ............................................................... 25V
LT1374HV .......................................................... 32V
BOOST Pin Voltage ................................................. 38V
BOOST Pin Above Input Voltage ............................. 15V
SHDN Pin Voltage ..................................................... 7V
BIAS Pin Voltage ...................................................... 7V
FB Pin Voltage (Adjustable Part) ............................ 3.5V
FB Pin Current (Adjustable Part) ............................ 1mA
SENSE Voltage (Fixed 5V Part) ................................. 7V
SYNC Pin Voltage ..................................................... 7V
Operating Junction Temperature Range
LT1374C ............................................... 0
°C to 125° C
LT1374I ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
GND
FB OR SENSE*
BOOST
VIN
GND
VSW
SYNC OR SHDN*
VC
7
6
5
4
3
2
1
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
BOOST
FGND
VSW
VC
BIAS
SYNC
OR SHDN*
FB OR
SENSE*
θJA =80°C/ W WITH FUSED (FGND)
GROUND PIN CONNECTED TO GROUND
PLANE OR LARGE LANDS
LT1374CS8
LT1374CS8-5
LT1374CS8-SYNC
LT1374CS8-5 SYNC
LT1374HVCS8
LT1374IS8
LT1374IS8-5
LT1374IS8-SYNC
LT1374IS8-5 SYNC
LT1374HVIS8
TJMAX = 125°C, θJA = 30°C/ W
WITH PACKAGE SOLDERED TO 0.5 SQUARE INCH
COPPER AREA OVER BACKSIDE GROUND PLANE
OR INTERNAL POWER PLANE.
θJA CAN VARY
FROM 20
°C/W TO >40°C/W DEPENDING ON
MOUNTING TECHNIQUES
ORDER
PART NUMBER
LT1374CR
LT1374CR-5
LT1374CR-SYNC
LT1374CR-5 SYNC
LT1374HVCR
LT1374IR
LT1374IR-5
LT1374IR-SYNC
LT1374IR-5 SYNC
LT1374HVIR
1374
13745
1374SN
3745SN
1374HV
1374I
1374I5
374ISN
74I5SN
1374HVI
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
FE16 PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
NC
VIN
VIN
BOOST
FB/SENSE
NC
GND
GND
VSW
VSW
SYNC
SHDN
VC
BIAS
GND
T7 PACKAGE
7-LEAD PLASTIC TO-220
FB OR SENSE*
BOOST
VIN
GND
VSW
SHDN
VC
FRONT VIEW
TAB IS
GND
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 50°C/ W, θJC = 4°C/ W
θJA = 40°C/ W
EXPOSED PAD SOLDERED TO
GROUND PLANE
ORDER
PART NUMBER
LT1374CT7
LT1374CT7-5
LT1374IT7
LT1374IT7-5
LT1374CFE
LT1374IFE
*Default is the adjustable output voltage device with FB pin and shutdown function. Option -5 replaces FB with SENSE pin for fixed 5V output applications.
-SYNC replaces SHDN with SYNC pin for applications requiring synchronization. Consult LTC Marketing for parts specified with wider operating
temperature ranges.
ORDER
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com