Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 4 Page - Linear Technology

  LT1374 Datasheet HTML 1Page - Linear Technology LT1374 Datasheet HTML 2Page - Linear Technology LT1374 Datasheet HTML 3Page - Linear Technology LT1374 Datasheet HTML 4Page - Linear Technology LT1374 Datasheet HTML 5Page - Linear Technology LT1374 Datasheet HTML 6Page - Linear Technology LT1374 Datasheet HTML 7Page - Linear Technology LT1374 Datasheet HTML 8Page - Linear Technology LT1374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LT1374
1374fb
Switch Voltage Drop
SWITCH CURRENT (A)
0
250
200
400
125
°C
25
°C
350
300
45
1374 G18
150
100
50
0
1
2
3
500
450
–40
°C
Feedback Pin Voltage
TEMPERATURE (
°C)
–50
2.430
2.425
2.420
2.415
2.410
100
1374 G03
–25
0
25
50
75
125
Switch Peak Current Limit
DUTY CYCLE (%)
0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
80
1374 G02
20
40
60
100
TYPICAL
MINIMUM
Shutdown Pin Bias Current
TEMPERATURE (
°C)
–50
500
400
300
200
8
4
0
25
75
1374 G04
–25
0
50
100
125
CURRENT REQUIRED TO FORCE SHUTDOWN
(FLOWS OUT OF PIN). AFTER SHUTDOWN,
CURRENT DROPS TO A FEW
µA
AT 2.38V STANDBY THRESHOLD
(CURRENT FLOWS OUT OF PIN)
Standby and Shutdown Thresholds
Shutdown Supply Current
JUNCTION TEMPERATURE (
°C)
–50
2.40
2.36
2.32
0.8
0.4
0
25
75
1374 G05
–25
0
50
100
125
STANDBY
START-UP
SHUTDOWN
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
5
101520
1374 G06
25
VSHDN = 0V
Note 5: Boost current is the current flowing into the boost pin with the pin
held 5V above input voltage. It flows only during switch on time.
Note 6: VIN supply current is the current drawn when the BIAS pin is held
at 5V and switching is disabled. If the BIAS pin is unavailable or open
circuit, the sum of VIN and BIAS supply currents will be drawn by the VIN
pin.
Note 7: Switch on resistance is calculated by dividing VIN to VSW voltage
by the forced current (4.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
ELECTRICAL CHARACTERISTICS
Note 8: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance,
refer to the SENSE pin on the fixed voltage parts. Divide values shown by
the ratio VOUT/2.42.
Note 9: Slope compensation is the current subtracted from the switch
current limit at 80% duty cycle. See Maximum Output Load Current in the
Applications Information section for further details.
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com