Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1374 Datasheet HTML 18Page - Linear Technology LT1374 Datasheet HTML 19Page - Linear Technology LT1374 Datasheet HTML 20Page - Linear Technology LT1374 Datasheet HTML 21Page - Linear Technology LT1374 Datasheet HTML 22Page - Linear Technology LT1374 Datasheet HTML 23Page - Linear Technology LT1374 Datasheet HTML 24Page - Linear Technology LT1374 Datasheet HTML 25Page - Linear Technology LT1374 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LT1374
1374fb
APPLICATIONS INFORMATION
Error amplifier transconductance phase and gain are
shown in Figure 11. The error amplifier can be modeled
as a transconductance of 2000
µMho, with an output
impedance of 200k
Ω in parallel with 12pF. In all practical
applications, the compensation network from VC pin to
ground has a much lower impedance than the output
impedance of the amplifier at frequencies above 500Hz.
This means that the error amplifier characteristics them-
selves do not contribute excess phase shift to the loop, and
the phase/gain characteristics of the error amplifier sec-
tion are completely controlled by the external compensa-
tion network.
In Figure 12, full loop phase/gain characteristics are
shown with a compensation capacitor of 1.5nF, giving the
error amplifier a pole at 530Hz, with phase rolling off to 90
°
and staying there. The overall loop has a gain of 74dB at
low frequency, rolling off to unity-gain at 100kHz. Phase
shows a two-pole characteristic until the ESR of the output
capacitor brings it back above 10kHz. Phase margin is
about 75
° at unity-gain.
Analog experts will note that around 4.4kHz, phase dips
very close to the zero phase margin line. This is typical of
switching regulators, especially those that operate over a
wide range of loads. This region of low phase is not a
problem as long as it does not occur near unity-gain. In
practice, the variability of output capacitor ESR tends to
dominate all other effects with respect to loop response.
Variations in ESR
will cause unity-gain to move around,
but at the same time phase moves with it so that adequate
phase margin is maintained over a very wide range of ESR
(
≥ ±3:1).
Figure 10. Response from VC Pin to Output
FREQUENCY (Hz)
40
20
0
–20
–40
40
0
–40
–80
–120
10
1k
10k
1M
1374 F10
100
100k
GAIN
PHASE
VIN = 10V
VOUT = 5V
IOUT = 2A
Figure 11. Error Amplifier Gain and Phase
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1374 F11
1k
1M
GAIN
PHASE
ROUT
200k
COUT
12pF
VC
ERROR AMPLIFIER EQUIVALENT CIRCUIT
RLOAD = 50Ω
VFB 2 × 10
–3
)
(
Figure 9. Model for Loop Response
2.42V
VSW
VC
LT1374
GND
1374 F09
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
R2
C1
CURRENT MODE
POWER STAGE
gm = 5.3A/V
+
FREQUENCY (Hz)
80
60
40
20
0
–20
200
150
100
50
0
–50
10
1k
10k
1M
1374 F12
100
100k
GAIN
PHASE
VIN = 10V
VOUT = 5V, IOUT = 2A
COUT = 100µF, 10V, AVX TPS
CC = 1.5nF, RC = 0, L = 10µH
Figure 12. Overall Loop Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com