Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5006L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE5006L-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5006L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE5006L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET
SE5006L: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202447A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
Pin Out Description
Pin
No.
Name
Description
Pin
No.
Name
Description
1
VCC2
Bias & Driver Supply Voltage
9
CL2
Switch Control Logic 2
2
PAon
PA Enable
10
CL1
Switch Control Logic 1
3
GND
Ground
11
GND
Ground
4
TX5
TX RF Input Signal
12
HB
5GHz Antenna output
5
GND
Ground
13
GND
Ground
6
GND
Ground
14
VPD
Power Detector Output
7
RX5
RX RF output signal
15
H/L Lin
High-Low linearity Control
8
GND
Ground
16
VCC1
Power Stage Supply Voltage
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC1
Supply Voltage on Pin 16 (VCC1)
-0.3
4.8
VCC2
Supply Voltage on pin 1 (VCC2)
-0.3
3.6
V
PAON
DC input on Enable
-0.3
3.6
V
TX5
RF Input Power, RFout into 50
Ω match
-
12
dBm
TSTG
Storage Temperature Range
-40
150
°C
ESD HBM
JEDEC JESD22-A114
all pins
Antenna Pin
-
1000
V
All Other Pins
-
350
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage on pin 16 (VCC1)
3.0
4.5
V
VCC
Supply Voltage on pin 1 (VCC2)
3.0
3.6
V
TA
Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com