Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5006L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE5006L-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5006L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE5006L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET
SE5006L: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202447A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
10
Branding Information
Figure 6: SE5006L Branding
Tape and Reel Information
Parameter
Value
Devices Per Reel
3000
Reel Diameter
13 inches
Tape Width
12 millimeters
Figure 7: SE5006L-R Tape and Reel Information
Document Change History
Revision
Date
Notes
1.0
Feb 3, 2010
Created
1.1
May 07, 2010
Updated pin-out and recommended land pattern
Updated RF performance to reflect DVT1
Added MSL rating (MSL3)
1.2
Oct 26, 2010
Updated switch control line current consumption
1.3
Jan 03, 2011
Updated recommended operating temperature and recommended storage
temperature
Updated ESD classification
SiGe
5006L
Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com