Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5006L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5006L-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5006L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5006L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
SE5006L: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202447A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
DSSS 5 GHz WLAN (IEEE802.11a)
Access Points, PCMCIA, PC cards
Features
5GHz Front End Module with PA and T/R Switch
Integrated power amplifier enable pin (VPAON)
Buffered, temperature compensated power
detector
High and Low-Linearity mode
3% EVM, @17dBm, 64 QAM, 54 Mbps
30 dB Typical Gain
Lead Free and RoHS compliant, halogen free
package
16 pin 3 mm x 3 mm x 0.9 mm QFN, MSL1
Ordering Information
Part Number
Package
Remark
SE5006L
16 Pin QFN
Samples
SE5006L-R
16 Pin QFN
Tape and Reel
SE5006L-EK1
Evaluation Kit
Standard
Product Description
The SE5006L is a 5GHz front end module offering
high linear power for wireless LAN applications.
It
incorporates a power detector for control of the output
power.
The SE5006L offers a high level of integration for a
simplified design, providing quicker time to market
and higher application board production yield.
The
device
integrates
the
inter-stage
match,
a
temperature compensated, load insensitive power
detector with 20dB of dynamic range, a 3.8GHz notch
filter, a T/R switch and an RX balun.
For wireless LAN applications, the device meets the
requirements
of
IEEE802.11a
and
delivers
approximately 17dBm of linear output power. It also
features a low linearity mode control to reduce current
consumption at low power modes.
The
SE5006L
integrates
the
reference
voltage
generator, allowing for a true CMOS compatible
digital PAON (enable) function to turn the power
amplifier on and off.
Functional Block Diagram
RF Ports are DC Blocked
Figure 1: Functional Block Diagram
Match &
Filter
Match
Bias, Enable, Detector Circuits
VCC1,2
PAon
TX5
CL1
CL2
HB
RX5
H/L Lin
VPD


Similar Part No. - SE5006L-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE500 LITTELFUSE-SE500 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Skyworks Solutions Inc.
SE5003L SKYWORKS-SE5003L Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-EK1 SKYWORKS-SE5003L-EK1 Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-R SKYWORKS-SE5003L-R Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5004L SKYWORKS-SE5004L Datasheet
290Kb / 9P
5 GHz, 26dBm Power Amplifier with Power Detector
October 23, 2012
More results

Similar Description - SE5006L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SKY85717-21 SKYWORKS-SKY85717-21 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85717-11 SKYWORKS-SKY85717-11 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85711-11 SKYWORKS-SKY85711-11 Datasheet
195Kb / 2P
5 GHz WLAN Front-End Module
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
5 GHz Front-End Module with Power Detector
SKY85712-21 SKYWORKS-SKY85712-21 Datasheet
595Kb / 12P
5 GHz WLAN Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85735-11 SKYWORKS-SKY85735-11 Datasheet
174Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
5 GHz WLAN Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
5 GHz WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com