Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5006L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE5006L-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5006L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE5006L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATA SHEET
SE5006L: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202447A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Control Logic Characteristics
Conditions:
VCC1 = VCC2 = VPAON = VEN = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions’ SE5006L-EV1
evaluation board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11a
Supply Current
POUT = 17 dBm, 54 Mbps, 64 QAM,
H/L Lin = 3.3V (High Linearity Mode)
-
195
-
mA
POUT = 13 dBm, 54 Mbps, 64 QAM,
H/L Lin = 0V (Low Linearity Mode)
-
140
-
POUT = 5 dBm, 54 Mbps, 64 QAM,
H/L Lin = 0V (Low Linearity Mode)
-
105
-
POUT = 19 dBm, 54 Mbps, 64 QAM,
H/L Lin = 3.3V, VCC1 = 4.0V
-
220
-
IOFF
Supply Current
VPAON = 0 V, No RF
-
0.5
10
μA
VPAONH
Logic High Voltage
-
2.8
-
Vcc
V
VPAONL
Logic Low Voltage
-
-0.3
-
0.3
V
IPAONH
Input Current Logic
High Voltage
-
-
-
400
μA
IPAONL
Input Current Logic
Low Voltage
-
-
<1
-
μA
Switch Logic Characteristics
Conditions:
VCC = VPAON = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions’ SE5006L-EK1 evaluation board,
all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ON
Low Loss Switch
Control Voltage
High State = VCTL_ON -
VCTL_OFF
2.8
-
3.6
V
OFF
High Loss Switch
Control Voltage
Low State = VCTL_OFF -
VCTL_OFF
0
-
0.3
V
CCTL
Control Input
Capacitance
-
-
-
100
pF
ICTL
Control Line Current
VCTL = VCTL_ON
-
-
1
mA
Switch Control Logic Table
CL1
CL2
TX
↔ ANT
RX
↔ ANT
OFF
OFF
OFF
OFF
OFF
ON
OFF
ON
ON
OFF
ON
OFF
ON
ON
Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com