Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5510T-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE5510T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5510T-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE5510T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET
SE5510T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202402A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 24, 2012
4
DC Electrical Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE5510T-EK1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TXICC-G
Total 802.11g Transmit Supply
Current
POUT = 20 dBm, 54 Mbps OFDM
signal, 64QAM, PEN2 = Hi,
POUT = 18 dBm, 54 Mbps OFDM
signal, 64QAM, PEN2 = Hi,
-
215
185
mA
TXICQ-G
Quiescent current , 802.11g
Transmit supply Current
No RF applied, PEN2=Hi
-
120
-
mA
TXICC-A
Total 802.11a Transmit Supply
Current
POUT = 18 dBm, 54 Mbps OFDM
signal, 64QAM, PEN5= Hi
POUT = 16 dBm, 54 Mbps OFDM
signal, 64QAM, PEN5= Hi
-
230
210
mA
TXICQ-A
Quiescent current , 802.11a
Transmit supply Current
No RF applied, PEN5- Hi
-
155
-
mA
RXICC-A
Total 802.11a Receive Supply
Current
CRX5 = Hi, LEN= Hi
CRX5 = Hi, LEN = Lo
-
10
0.25
mA
RXICC-G
Total 802.11g Receive Supply
Current
CRX2 = Hi
0.25
mA
ICC-BT
Total BT Supply Current
CBT = Hi
-
0.25
mA
ICC_OFF
Total Supply Current
No RF,
PEN2=PEN5=CRX2=CRX5=CBT=L
EN5=0V
-
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com