Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5510T-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE5510T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5510T-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE5510T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DATA SHEET
SE5510T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202402A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 24, 2012
5
Operating Modes
Mode#
Mode Description
PEN2
PEN5
LEN5
CRX2
CRX5
CBT
0
All Off
0
0
0
0
0
0
1
BT
0
0
0
0
0
1
2
BT + RX5(Low gain)
0
0
0
0
1
1
3
BT + RX5(High gain)
0
0
1
0
1
1
4
BT + TX5
0
1
0
0
0
1
5
RX2 + RX5(Low gain)
0
0
0
1
1
0
6
RX2 + RX5(High gain)
0
0
1
1
1
0
7
TX2
1
0
0
0
0
0
8
TX5
0
1
0
0
0
0
9
RX2
0
0
0
1
0
0
10
RX5 (Low Gain)
0
0
0
0
1
0
11
RX5 (High Gain)
0
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com