Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5510T-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5510T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5510T-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5510T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
SE5510T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202402A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 24, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11a,g,n OFDM WLAN
Embedded applications with Bluetooth (Mobile)
Features
All RF ports matched to 50
Ω
Integrated 2.4,5 GHz PA, 5 GHz LNA, SP3T,
SP2T switches and filtering
Integrated Power Detector
19.5 dBm @ 3 % EVM, 802.11g, 54 Mbps
18 dBm @ 3 % EVM, 802.11a, 54 Mbps
Lead free, Halogen Free and RoHS compliant
Compact package, 3 x 4 x 0.6 mm, MSL 1
Ordering Information
Part No.
Package
Remark
SE5510T
28 pin QFN
Samples
SE5510T-R
28 pin QFN
Tape & Reel
SE5510T-EK1
N/A
Evaluation kit
Product Description
The SE5510T is a complete 802.11n WLAN RF front-
end module providing all the functionality of the power
amplifiers, LNA, power detector, Antenna switches,
filtering and associated matching. The SE5510T
provides a complete 2.4 GHz and 5 GHz WLAN RF
solution from the output of the transceiver to the
antennas in a compact form factor.
The
receive
path
is
designed
to
maximize
performance by providing both a 5 GHz Low noise
amplifier with bypass mode, for use when high power
signals are being received.
Designed for ease of use, all RF ports are matched to
50
Ω to simplify PCB layout and the interface to the
transceiver RFIC.
The SE5510T also includes a
transmitter power detector for each band with 20 dB
of dynamic range.
Functional Block Diagram
RX5
RX2
ANT5
ANT2
TX5
TX2
2.4 GHz PA
5.4 GHz PA
5.4 GHz LNA
pwr
det
DET
Figure 1: Functional Block Diagram


Similar Part No. - SE5510T-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5511T SKYWORKS-SE5511T Datasheet
289Kb / 14P
Dual Band 802.11n WLAN/BT Front End
October 23, 2012
SE5511T-EK1 SKYWORKS-SE5511T-EK1 Datasheet
289Kb / 14P
Dual Band 802.11n WLAN/BT Front End
October 23, 2012
SE5511T-R SKYWORKS-SE5511T-R Datasheet
289Kb / 14P
Dual Band 802.11n WLAN/BT Front End
October 23, 2012
logo
NXP Semiconductors
SE5512 PHILIPS-SE5512 Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
logo
Skyworks Solutions Inc.
SE5512L SKYWORKS-SE5512L Datasheet
531Kb / 16P
Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
September 25, 2012
More results

Similar Description - SE5510T-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
802.11b/g/n BT WLAN Front End Module
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com