Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5510T-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE5510T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5510T-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE5510T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5510T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DATA SHEET
SE5510T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202402A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 24, 2012
2
Pin Out Diagram
CBT
RX5
RX2
GND
CRX2
GND
CSP2
VCC1
ANT5
ANT2
1
6
5
4
3
2
17
16
15
14
13
12
11
10
9
8
7
19
18
20
21
22
23
24
25
26
27
28
Figure 2: SE5510T Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
VCC1
Power Supply
2
RX5
5 GHz Receive port
3
GND
Ground
4
RX2
2.4 GHz Receive port
5
CSP2
2.4 GHz PA bias speed-up
6
TX2
2.4 GHz Transmit port
7
VCC2
Power supply
8
GND
Ground
9
DNC
Do Not Connect
10
CSP5
5 GHz PA bias speed-up
11
PEN5
Enable for 5 GHz PA and
Transmit switch
12
VCC3
Power supply
13
GND
Ground
14
CRX5
Control for 5 GHz Receive
15
CRX2
Control for 2.4 GHz Receive
Pin No.
Name
Description
16
ANT2
2.4 GHz Antenna port
17
GND
Ground
18
ANT5
5 GHz Antenna port
19
CBT
Control for Bluetooth port
20
BT
Bluetooth port
21
GND
Ground
22
LEN5
Enable for 5 GHz LNA and
Receive Switch
23
DET
Power detector output
24
PEN2
Enable for 2.4 GHz PA and
Transmit Switch
25
VCC4
Power supply
26
VCC5
Power Supply
27
GND
Ground
28
TX5
5 GHz Transmit port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com