Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0076 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0076 Datasheet HTML 1Page - Tyco Electronics MAAPSS0076 Datasheet HTML 2Page - Tyco Electronics MAAPSS0076 Datasheet HTML 3Page - Tyco Electronics MAAPSS0076 Datasheet HTML 4Page - Tyco Electronics MAAPSS0076 Datasheet HTML 5Page - Tyco Electronics MAAPSS0076 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0076
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: F = 1900 MHz, PIN = 0 dBm, VCC = 2.4 V, TA = 25 °C, Z0 = 50 Ω
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
3.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Logic Table 5
VEN
VM
State
0
0
OFF
0
1
OFF
1
0
LPM
1
1
HPM
5. 1 = +2.0 V to 2.5 V, 0 = 0 V to 0.5 V.
Operating the MAAPSS0076
The MAAPSS0076 is sensitive to electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0076, follow these steps. Ramp down
or shut down in reverse order.
1. Apply VCC (2.4 V).
2. Apply VM (0 or 2.5 V).
3. Apply PIN (-2 to 2 dBm).
4. Ramp VEN from 0 to 2.5 V.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input Return Loss
VM = 0 V
VM = 2.5 V
dB
dB
11
8
POUT, High Power Mode (HPM)
VM = 2.5 V, VCC = 3.0 V
VCC = 2.4 V
VCC = 2.0 V
VCC = 1.8 V
dBm
dBm
dBm
dBm
23
26.5
25.5
24.0
23.5
27
POUT vs. Temperature, HPM
TA = 0 °C to 50 °C, VCC = 2.4 V
dB
0.8
Current, HPM
VM = 2.5 V, VCC = 3.0 V
mA
320
400
POUT, Low Power Mode (LPM)
VM = 0 V, VCC = 2.4 V
dBm
14
17
Current, LPM
VM = 0 V, VCC = 2.4 V
mA
140
200
Current, Shutdown
VCC = 3.0 V, VEN = 0.5 V
µA
1
10
Control Pins
VEN, VM low
VEN, VM high
VM current
VEN current
V
V
mA
mA
0
2.0
0.5
2.5
1.0
3.0
Harmonics
VM = 2.5 V, VCC = 2.4 V
2fo
3fo
dBc
dBc
-50
-60
Forward Isolation
VEN = 0 V
dB
36
Stability
+1.5 V < VCC < +3.5 V, POUT = HPM & LPM, VSWR < 6:1
-20
°C < TA < +70ºC, RBW = 3 MHz max. hold
Turn on/off time
ton: RF burst to (Avg Power – 1 dB)
toff: (Avg Power – 1 dB) to RF off
µS
µS
3
5
All spurs < -60 dBc
POUT vs. VEN
VEN = 1.9 to 2.5 V
dB
1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com