Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0076 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPSS0076 Datasheet HTML 1Page - Tyco Electronics MAAPSS0076 Datasheet HTML 2Page - Tyco Electronics MAAPSS0076 Datasheet HTML 3Page - Tyco Electronics MAAPSS0076 Datasheet HTML 4Page - Tyco Electronics MAAPSS0076 Datasheet HTML 5Page - Tyco Electronics MAAPSS0076 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0076
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
5
RoHS
Compliant
Evaluation Board Schematic
MAAPSS0076 External Parts List
Designator
Value
Foot Print
Manufacturer
Part Number
C1, C4, C9
100 nF
0402
Murata
GRM155F51C104ZA01B
C2
22 nF
0402
Murata
GRM155R71C223KA01B
C3
4 pF
0402
Murata
GRM155C1H4R0CZ01B
C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01B
C7
1 nF
0402
Murata
GRM36X7R102K50
C8, C13
1 µF
0402
Murata
GRM36Y5V104Z016AQ
C10
100 pF
0402
Murata
GRM36COG101J050AQ
C11
2 pF
0402
Murata
GRM36COG020C05OAQ
C12
1.5 pF
0402
Murata
GRM1555C1H1R5CZ01D
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
R1
249 Ω
0402
Panasonic
ERJ-2RKF2490X
R2
402 Ω
0402
Panasonic
ERJ-2RKF4020X
R3
2.15 KΩ
0402
Panasonic
ERJ-2RKF2151X
Transmission Line Dimensions, 0.20 mm thick FR4
Designator
Length (mm)
Width (mm)
T1
3.76
0.35
T2
2.08
0.35
T3
0.49
0.37
T45
7.49
0.37
T5
3.05
0.35
T66
2.29
0.35
T7
2.36
0.35
All dimensions from package edge to center of component
(except as noted below).
5. From center of C3 to center of C11.
6. From center of C12 to center of C13.
Recommended PCB Configuration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com