Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0076 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0076 Datasheet HTML 1Page - Tyco Electronics MAAPSS0076 Datasheet HTML 2Page - Tyco Electronics MAAPSS0076 Datasheet HTML 3Page - Tyco Electronics MAAPSS0076 Datasheet HTML 4Page - Tyco Electronics MAAPSS0076 Datasheet HTML 5Page - Tyco Electronics MAAPSS0076 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0076
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
4
RoHS
Compliant
POUT, ICC vs. VCC @ 1900 MHz
POUT, ICC vs. PIN @ 2.4 V, 1900 MHz
ICC vs. Temperature @ 1900 MHz, PIN = 0 dBm
POUT vs. Temperature @ 1900 MHz, PIN = 0 dBm
Low Power Mode Typical Performance, VM = 0 V (using the supplied sample board BOM)
S21 vs. Frequency @ VCC = 2.4 V, VM = VEN = 2.5 V
S11, S22 vs. Frequency @ VCC = 2.4 V, VM = VEN = 2.5 V
-40
-30
-20
-10
0
1.0
1.5
2.0
2.5
3.0
S11 (dB)
S22 (dB)
Frequency (GHz)
-40
-30
-20
-10
0
10
20
30
40
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0
5
10
15
20
25
0.00
0.05
0.10
0.15
0.20
0.25
-15
-10
-5
0
5
P
IN
(dBm)
P
OUT
I
CC
0
5
10
15
20
25
0.0
0.1
0.2
0.3
0.4
0.5
1.5
2.0
2.5
3.0
3.5
4.0
V
CC
(Volts)
P
OUT
I
CC
0
10
20
30
-20
0
20
40
60
Vcc = 1.8 V
Vcc = 2.0 V
Vcc = 2.4 V
Vcc = 3.0 V
Vcc = 3.6 V
Temperature (°C)
0.00
0.10
0.20
0.30
-20
0
20
40
60
Vcc = 1.8 V
Vcc = 2.0 V
Vcc = 2.4 V
Vcc = 3.0 V
Vcc = 3.6 V
Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com