Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0076 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0076 Datasheet HTML 1Page - Tyco Electronics MAAPSS0076 Datasheet HTML 2Page - Tyco Electronics MAAPSS0076 Datasheet HTML 3Page - Tyco Electronics MAAPSS0076 Datasheet HTML 4Page - Tyco Electronics MAAPSS0076 Datasheet HTML 5Page - Tyco Electronics MAAPSS0076 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0076
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Ideal for DECT Applications
• Power Set Pin for Adjustable Output Power
High Power Mode: 25.5 dBm
Low Power Mode: 17 dBm
• Power Gain: 25 dB Typical
• Voltage Supply Compensation
• Ramp Power Control
• Micro-Amp Shutdown Current
• Operates from 1.8 V to 3.6 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAPSS0076 is a three stage power amplifier
designed for Digitally Enhanced Cordless Telephone
applications. The power amplifier is available in a
lead-free 3 mm 12-lead PQFN plastic package.
The MAAPSS0076 features an integrated power
enable pin (5) for accurate ramp control and a
separate power mode pin (2) for current savings in a
low power mode state.
A voltage compensation
circuit is also included for applications where the
amplifier supply voltage is not regulated and is
directly connected to the battery.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
VM
Power Mode
3
N/C
No Connection
4
N/C
No Connection
5
VEN
Power Enable
6
PFC
Power Flatness Control
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
PMC
Power Mode Control
12
VCC1
1st Stage Supply
Pad2
GND
RF & DC Ground
1. Reference Application Note M513 for reel size information.
Ordering Information 1
Part Number
Package
MAAPSS0076TR-3000
3000 piece reel
MAAPSS0076SMB
Sample Test Board
(Includes 5 Samples)
Functional Schematic


Similar Part No. - MAAPSS0076

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076SMB MA-COM-MAAPSS0076SMB Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076TR-3000 MA-COM-MAAPSS0076TR-3000 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
More results

Similar Description - MAAPSS0076

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0071 MACOM-MAAPSS0071 Datasheet
237Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com