Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0045 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0045
Description  Broadband CATV 4:1 Flux Coupled Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0045 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0045 Datasheet HTML 1Page - Tyco Electronics MABACT0045 Datasheet HTML 2Page - Tyco Electronics MABACT0045 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
M/A-COM Inc. and its affiliates reserve the right tomake changesto the
product(s) or informationcontainedherein without notice. M/A-COM makes
no warranty, representation or guarantee regardingthe suitability of its
products for any particular purpose, nor doesM/A-COM assume anyliability
whatsoever arising out of the use.
•
North Am erica Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Broadband CATV 4:1 Flux Coupled Transformer
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 5-200 MHz
Insertion Loss
5 - 65 MHz
65 - 200 MHz
dB
dB
—
—
0.6
0.8
1.0
1.0
Amplitude Balance
50 – 200 MHz
dB
—
± 0.2
± 0.3
Phase Balance
5 - 65 MHz
65 - 200 MHz
°
°
—
—
± 0.1
± 0.3
± 2.0
± 3.0
Input Return Loss
5 - 65 MHz
65 - 200 MHz
dB
dB
15
12
25
17
—
—
Electrical Specifications @ 25
°°°°C, 75 Ohm
SM-164 Case Style
Preliminary
V2P
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
MABACT0045
Features
• SMT unit
• 4:1 impedance
• Available on tape & reel
• Excellent temperature
stability
Description
M/A-COM’s MABACT0045 is a
low cost SMT 4:1 flux coupled
transformer designed for high
volume CATV Broadband
applications. Suitable for use
in 50 Ohm and 75 Ohm
systems


Similar Part No. - MABACT0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0040 MA-COM-MABACT0040 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer, with center tap
MABACT0040 MA-COM-MABACT0040 Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
MABACT0040-TB MA-COM-MABACT0040-TB Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
More results

Similar Description - MABACT0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
DS-MABA-009836-CF48A0_V1 MA-COM-DS-MABA-009836-CF48A0_V1 Datasheet
110Kb / 3P
4:1 Flux Coupled Transformer
DS-MABACT0067 MA-COM-DS-MABACT0067 Datasheet
302Kb / 3P
4:1 Flux Coupled Transformer
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com