Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0028 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0028
Description  GaAs SP3T 2.5 V Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0028 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0028 Datasheet HTML 1Page - Tyco Electronics MASWSS0028 Datasheet HTML 2Page - Tyco Electronics MASWSS0028 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP3T 2.5 V Switch
DC - 3.0 GHz
MASWSS0028
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Low Voltage Operation: 2.5V
• Low Insertion Loss: 0.3 dB at 1 GHz
• 2mm 8-Lead PQFN Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0028 is a GaAs PHEMT
MMIC single pole three throw (SP3T) switch in a low
cost
2mm
8-Lead
PQFN
package.
The
MASWSS0028 is ideally suited for applications
where low control voltage, low insertion loss, high
isolation, small size and low cost are required.
Typical applications are for filter and antenna
switching in handset systems that connect separate
receive functions to a common antenna, as well as
other
related
handset
and
general
purpose
applications. This part can be used in all systems
operating up to 3 GHz requiring low control voltage.
The MASWSS0028 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RFC
RF In/Out
2
GND
RF Ground
3
V1
Control 1
4
RF1
RF In/Out
5
RF2
RF In/Out
6
V2
Control 2
7
V3
Control 3
8
RF3
RF In/Out
Functional Schematic
100pF
100pF
100pF
100pF
Ordering Information1
Part Number
Package
MASWSS0028
Bulk Packaging
MASWSS0028TR
1000 piece reel
MASWSS0028TR-3000
3000 piece reel
MASWSS0028SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Truth Table 2
V1
V2
V3
RFC -
RF1
RFC -
RF2
RFC -
RF3
0
1
0
On
Off
Off
1
0
0
Off
On
Off
0
0
1
Off
Off
On
2. 0 = 0 V ± 0.2 V, 1 = +2.5 V to +5 V.
Parameter
Absolute Maximum
Max Input Power
(0.5 - 3 GHz, 2.5V Control)
+32 dBm
Voltage
±8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MASWSS0028

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028SMB MA-COM-MASWSS0028SMB Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028TR MA-COM-MASWSS0028TR Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028TR-3000 MA-COM-MASWSS0028TR-3000 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0028

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com