Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8341 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8341
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341 Datasheet(HTML) 2 Page - California Eastern Labs

  NX8341_06 Datasheet HTML 1Page - California Eastern Labs NX8341_06 Datasheet HTML 2Page - California Eastern Labs NX8341_06 Datasheet HTML 3Page - California Eastern Labs NX8341_06 Datasheet HTML 4Page - California Eastern Labs NX8341_06 Datasheet HTML 5Page - California Eastern Labs NX8341_06 Datasheet HTML 6Page - California Eastern Labs NX8341_06 Datasheet HTML 7Page - California Eastern Labs NX8341_06 Datasheet HTML 8Page - California Eastern Labs NX8341_06 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NX8341 Series
<R>
PACKAGE DIMENSIONS (UNIT : mm)
NX8341TB
OPTICAL
REFERENCE
PLANE
GND surface
Signal surface
3.5±0.1
φ
3.5±0.1
φ
5.2±0.05
φ
5.2±0.05
φ
5.6±0.05
φ
5.0
φ
2.99
φ
2.92
φ
Remarks1. Receptacle is electrically isolated from CAN.
2. Characteristic impedance of flexible printed circuit is 25
Ω.
BOTTOM VIEW
6–0.45
5–0.79
5.7
6–R0.15
φ
18– 0.2
φ
2– 0.5
GND
GND
0.28±0.1
5.6
Data Sheet PL10525EJ02V0DS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com