Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8341 Datasheet(PDF) 11 Page - California Eastern Labs

Part # NX8341
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NX8341_06 Datasheet HTML 5Page - California Eastern Labs NX8341_06 Datasheet HTML 6Page - California Eastern Labs NX8341_06 Datasheet HTML 7Page - California Eastern Labs NX8341_06 Datasheet HTML 8Page - California Eastern Labs NX8341_06 Datasheet HTML 9Page - California Eastern Labs NX8341_06 Datasheet HTML 10Page - California Eastern Labs NX8341_06 Datasheet HTML 11Page - California Eastern Labs NX8341_06 Datasheet HTML 12Page - California Eastern Labs NX8341_06 Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NX8341 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstg
−40 to +85
°C
Operating Case Temperature
TC
−5 to +85
°C
Forward Current of LD
IFLD
120
mA
Reverse Voltage of LD
VRLD
2
V
Forward Current of PD
IFPD
10
mA
Reverse Voltage of PD
VRPD
20
V
Lead Soldering Temperature
Tsld
350 (3.5 sec.)
°C
Optical Output Power
Pf
5
mW
Data Sheet PL10525EJ02V0DS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com